Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GD25Q32C Datasheet(PDF) 46 Page - ELM Electronics

Part # GD25Q32C
Description  32M-bit Serial Flash
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELM [ELM Electronics]
Direct Link  http://www.elmelectronics.com
Logo ELM - ELM Electronics

GD25Q32C Datasheet(HTML) 46 Page - ELM Electronics

Back Button GD25Q32C Datasheet HTML 42Page - ELM Electronics GD25Q32C Datasheet HTML 43Page - ELM Electronics GD25Q32C Datasheet HTML 44Page - ELM Electronics GD25Q32C Datasheet HTML 45Page - ELM Electronics GD25Q32C Datasheet HTML 46Page - ELM Electronics GD25Q32C Datasheet HTML 47Page - ELM Electronics GD25Q32C Datasheet HTML 48Page - ELM Electronics GD25Q32C Datasheet HTML 49Page - ELM Electronics GD25Q32C Datasheet HTML 50Page - ELM Electronics  
Zoom Inzoom in Zoom Outzoom out
 46 / 50 page
background image
46
Rev.1.0
50 -
http://www.elm-tech.com
GD25Q32CxIGx 3.3V Uniform Sector Dual and Quad Serial Flash
Note:
(1). Max Value 4KB tSE with<50K cycles is 200ms and >50K & <100k cycles is 300ms.
(2). Max Value 32KB tBE with<50K cycles is 0.8s and >50K & <100k cycles is 1.6s.
(3). Max Value 64KB tBE with<50K cycles is 1.2s and >50K & <100k cycles is 2.0s.
Symbol
Parameter
Min.
Typ.
Max.
Unit.
tSHCH CS# Not Active Setup Time
5
ns
tCHSL CS# Not Active Hold Time
5
ns
tSHSL CS# High Time (Read/Write)
20
ns
tSHQZ Output Disable Time
6
ns
tCLQX Output Hold Time
1.2
ns
tDVCH Data In Setup Time
2
ns
tCHDX Data In Hold Time
2
ns
tHLCH Hold# Low Setup Time (Relative to Clock)
5
ns
tHHCH Hold# High Setup Time (Relative to Clock)
5
ns
tCHHL Hold# High Hold Time (Relative to Clock)
5
ns
tCHHH Hold# Low Hold Time (Relative to Clock)
5
ns
tHLQZ Hold# Low To High-Z Output
6
ns
tHHQX Hold# High To Low-Z Output
6
ns
tCLQV Clock Low To Output Valid
7
ns
tWHSL Write Protect Setup Time Before CS# Low
20
ns
tSHWL Write Protect Hold Time After CS# High
100
ns
tDP
CS# High To Deep Power-Down Mode
20
μs
tRES1 CS# High To Standby Mode Without Electronic Signature Read
20
μs
tRES2 CS# High To Standby Mode With Electronic Signature Read
20
μs
tSUS CS# High To Next Command After Suspend
20
μs
tRST CS# High To Next Command After Reset
20
μs
tW
Write Status Register Cycle Time
5
30
ms
tBP1 Byte Program Time (First Byte)
30
50
μs
tBP2 Additional Byte Program Time (After First Byte)
2.5
12
μs
tPP
Page Programming Time
0.6
2.4
ms
tSE
Sector Erase Time (4K Bytes)
50
200/300(1) ms
tBE1 Block Erase Time (32K Bytes)
0.15
0.8/1.6(2)
s
tBE2 Block Erase Time (64K Bytes)
0.25
1.2/2.0(3)
s
tCE
Chip Erase Time (GD25Q32C)
15
30
s



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com