Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GD25Q32C Datasheet(PDF) 35 Page - ELM Electronics

Part # GD25Q32C
Description  32M-bit Serial Flash
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELM [ELM Electronics]
Direct Link  http://www.elmelectronics.com
Logo ELM - ELM Electronics

GD25Q32C Datasheet(HTML) 35 Page - ELM Electronics

Back Button GD25Q32C Datasheet HTML 31Page - ELM Electronics GD25Q32C Datasheet HTML 32Page - ELM Electronics GD25Q32C Datasheet HTML 33Page - ELM Electronics GD25Q32C Datasheet HTML 34Page - ELM Electronics GD25Q32C Datasheet HTML 35Page - ELM Electronics GD25Q32C Datasheet HTML 36Page - ELM Electronics GD25Q32C Datasheet HTML 37Page - ELM Electronics GD25Q32C Datasheet HTML 38Page - ELM Electronics GD25Q32C Datasheet HTML 39Page - ELM Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 50 page
background image
35
Rev.1.0
50 -
http://www.elm-tech.com
GD25Q32CxIGx 3.3V Uniform Sector Dual and Quad Serial Flash
time of “tsus” (See AC Characteristics) is required to suspend the program/erase operation.
The Program/Erase Suspend command will be accepted by the device only if the SUS2/SUS1 bit in the Status
Register equal to 0 and WIP bit equal to 1 while a Page Program or a Sector or Block Erase operation is on-
going. If the SUS2/SUS1 bit equal to 1 or WIP bit equal to 0, the Suspend command will be ignored by the
device. The WIP bit will be cleared from 1 to 0 within “tsus” and the SUS2/SUS1 bit will be set from 0 to 1
immediately after Program/Erase Suspend. A power-off during the suspend period will reset the device and
release the suspend state. The command sequence is show below.
Figure 33. Program/Erase Suspend Sequence Diagram
Command
0 1 2 3 4 5 6 7
75H
CS#
SCLK
SI
SO
High-Z
tSUS
Accept read command
7.29. Program/Erase Resume (PER) (7AH)
The Program/Erase Resume command must be written to resume the program or sector/block erase operation
after a Program/Erase Suspend command. The Program/Erase command will be accepted by the device only if
the SUS2/SUS1 bit equal to 1 and the WIP bit equal to 0. After issued the SUS2/SUS1 bit in the status register
will be cleared from 1 to 0 immediately, the WIP bit will be set from 0 to 1 within 200ns and the Sector or
Block will complete the erase operation or the page will complete the program operation. The Program/Erase
Resume command will be ignored unless a Program/Erase Suspend is active. The command sequence is show in
Figure34.
Figure 34. Program/Erase Resume Sequence Diagram
Command
0 1 2 3 4 5 6 7
7AH
CS#
SCLK
SI
SO
Resume Erase/Program
7.30. Erase Security Registers (44H)
The GD25Q32C provides three 1024-byte Security Registers which can be erased and programmed
individually. These registers may be used by the system manufacturers to store security and other important
information separately from the main memory array.
The Erase Security Registers command is similar to Sector/Block Erase command. A Write Enable (WREN)
command must previously have been executed to set the Write Enable Latch (WEL) bit.
The Erase Security Registers command sequence: CS# goes low → sending Erase Security Registers command



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com