Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GD25Q32C Datasheet(PDF) 13 Page - ELM Electronics

Part # GD25Q32C
Description  32M-bit Serial Flash
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELM [ELM Electronics]
Direct Link  http://www.elmelectronics.com
Logo ELM - ELM Electronics

GD25Q32C Datasheet(HTML) 13 Page - ELM Electronics

Back Button GD25Q32C Datasheet HTML 9Page - ELM Electronics GD25Q32C Datasheet HTML 10Page - ELM Electronics GD25Q32C Datasheet HTML 11Page - ELM Electronics GD25Q32C Datasheet HTML 12Page - ELM Electronics GD25Q32C Datasheet HTML 13Page - ELM Electronics GD25Q32C Datasheet HTML 14Page - ELM Electronics GD25Q32C Datasheet HTML 15Page - ELM Electronics GD25Q32C Datasheet HTML 16Page - ELM Electronics GD25Q32C Datasheet HTML 17Page - ELM Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 50 page
background image
13
Rev.1.0
50 -
http://www.elm-tech.com
GD25Q32CxIGx 3.3V Uniform Sector Dual and Quad Serial Flash
Command Name
Byte 1
Byte 2
Byte 3
Byte 4
Byte 5
Byte 6
n-Bytes
Set Burst with Wrap
77H
dummy (9)
W7-W0
Program/Erase Suspend
75H
Program/Erase Resume
7AH
Release From Deep
Power-Down,
And Read Device ID
ABH
dummy
dummy
dummy
(DID7-
DID0)
(continuous)
Release From Deep
Power-Down
ABH
Deep Power-Down
B9H
Manufacturer/
Device ID
90H
dummy
dummy
00H
(MID7-
MID0)
(DID7-
DID0)
(continuous)
Manufacturer/
Device ID by Dual I/O
92H
A23-A8
A7-A0,
M7-M0
(MID7-MID0)
(DID7-DID0)
(continuous)
Manufacturer/
Device ID by Quad I/O
94H
A23-A0,
M7-M0
dummy (10)
(MID7- MID0)
(DID7-DID0)
(continuous)
Read Identification
9FH
(MID7-
MID0)
(JDID15-
JDID8)
(JDID7-
JDID0)
(continuous)
High Performance Mode
A3H
dummy
dummy
dummy
Read Serial Flash
Discoverable Parameter
5AH
A23-A16
A15-A8
A7-A0
dummy
(D7-D0) (continuous)
Erase Security
Registers (8)
44H
A23-A16
A15-A8
A7-A0
Program Security
Registers (8)
42H
A23-A16
A15-A8
A7-A0
D7-D0
D7-D0
continuous
Read Security
Registers (8)
48H
A23-A16
A15-A8
A7-A0
dummy
(D7-D0) (continuous)
NOTE:
(1) Dual Output data
IO0 = (D6, D4, D2, D0)
IO1 = (D7, D5, D3, D1)
(2) Dual Input Address
IO0 = A22, A20, A18, A16, A14, A12, A10, A8 A6, A4, A2, A0, M6, M4, M2, M0
IO1 = A23, A21, A19, A17, A15, A13, A11, A9 A7, A5, A3, A1, M7, M5, M3, M1
(3) Quad Output Data
IO0 = (D4, D0, …..)
IO1 = (D5, D1, …..)
IO2 = (D6, D2, …..)
IO3 = (D7, D3, …..)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com