Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GD25Q32C Datasheet(PDF) 3 Page - ELM Electronics

Part # GD25Q32C
Description  32M-bit Serial Flash
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELM [ELM Electronics]
Direct Link  http://www.elmelectronics.com
Logo ELM - ELM Electronics

GD25Q32C Datasheet(HTML) 3 Page - ELM Electronics

  GD25Q32C Datasheet HTML 1Page - ELM Electronics GD25Q32C Datasheet HTML 2Page - ELM Electronics GD25Q32C Datasheet HTML 3Page - ELM Electronics GD25Q32C Datasheet HTML 4Page - ELM Electronics GD25Q32C Datasheet HTML 5Page - ELM Electronics GD25Q32C Datasheet HTML 6Page - ELM Electronics GD25Q32C Datasheet HTML 7Page - ELM Electronics GD25Q32C Datasheet HTML 8Page - ELM Electronics GD25Q32C Datasheet HTML 9Page - ELM Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 50 page
background image
3
Rev.1.0
50 -
http://www.elm-tech.com
GD25Q32CxIGx 3.3V Uniform Sector Dual and Quad Serial Flash
7.27. High Performance Mode (HPM) (A3H)
-----------------------------------------------------------
34
7.28. Program/Erase Suspend (PES) (75H)
--------------------------------------------------------------
34
7.29. Program/Erase Resume (PER) (7AH)
--------------------------------------------------------------
35
7.30. Erase Security Registers (44H)
----------------------------------------------------------------------
35
7.31. Program Security Registers (42H)
------------------------------------------------------------------
36
7.32. Read Security Registers (48H)
----------------------------------------------------------------------
37
7.33. Enable Reset (66H) and Reset (99H)
---------------------------------------------------------------
38
7.34. Read Serial Flash Discoverable Parameter (5AH)
------------------------------------------------
38
8. ELECTRICAL CHARACTERISTICS
---------------------------------------------------------------
43
8.1. Power-ON timing
-------------------------------------------------------------------------------------
43
8.2. Initial delivery state
----------------------------------------------------------------------------------
43
8.3. Data retention and endurance
-----------------------------------------------------------------------
43
8.4. Absolute maximum ratings
-------------------------------------------------------------------------
44
8.5. Capacitance measurement conditions
-------------------------------------------------------------
44
8.6. DC characteristics
-----------------------------------------------------------------------------------
45
8.7. AC characteristics
-----------------------------------------------------------------------------------
45
9. ORDERING INFORMATION
-------------------------------------------------------------------------
48
10. PACKAGE INFORMATION
---------------------------------------------------------------------------
49
10.1. Package SOP8 208MIL
-----------------------------------------------------------------------------
49
10.2. Package WSON8 (6×5MM)
------------------------------------------------------------------------
50



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com