Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CAT6243DCADJ-RKG Datasheet(PDF) 5 Page - ON Semiconductor

Part # CAT6243DCADJ-RKG
Description  1 Amp Adjustable CMOS LDO Voltage Regulator
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CAT6243DCADJ-RKG Datasheet(HTML) 5 Page - ON Semiconductor

  CAT6243DCADJ-RKG Datasheet HTML 1Page - ON Semiconductor CAT6243DCADJ-RKG Datasheet HTML 2Page - ON Semiconductor CAT6243DCADJ-RKG Datasheet HTML 3Page - ON Semiconductor CAT6243DCADJ-RKG Datasheet HTML 4Page - ON Semiconductor CAT6243DCADJ-RKG Datasheet HTML 5Page - ON Semiconductor CAT6243DCADJ-RKG Datasheet HTML 6Page - ON Semiconductor CAT6243DCADJ-RKG Datasheet HTML 7Page - ON Semiconductor CAT6243DCADJ-RKG Datasheet HTML 8Page - ON Semiconductor CAT6243DCADJ-RKG Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
CAT6243
www.onsemi.com
5
Table 5. ELECTRICAL CHARACTERISTICS (VIN = (VOUT + 1 V) or VIN_MIN, whichever is higher, CIN = 1 mF, COUT = 2.2 mF, for
typical values TA = 25°C, for Bold values TA = −40°C to 85°C; unless otherwise noted.)
Symbol
Unit
Max
Typ
Min
Conditions
Parameter
ENABLE INPUT
VHI
Logic High Level
VIN = 1.8 to 5.5 V
1.6
V
VLO
Logic Low Level
VIN = 1.8 to 5.5 V
0.4
V
IEN
Enable Input Current
VEN = 0.4 V
0.15
1
mA
VEN = VIN = 2.5 V
1
3
REN
Enable pull−down resistor
2.5
M
W
TIMING
TON
Turn−On Time
CBYP = 0 pF
230
ms
CBYP = 470 pF
1600
THERMAL PROTECTION
TSD
Thermal Shutdown
145
°C
THYS
Thermal Hysteresis
10
°C
7. Performance guaranteed over the indicated operating temperature range by design and/or characterization tested at TJ = TA = 25_C. Low
duty cycle pulse techniques are used during testing to maintain the junction temperature as close to ambient as possible.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com