Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CAT6243DCADJ-RKG Datasheet(PDF) 1 Page - ON Semiconductor

Part # CAT6243DCADJ-RKG
Description  1 Amp Adjustable CMOS LDO Voltage Regulator
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CAT6243DCADJ-RKG Datasheet(HTML) 1 Page - ON Semiconductor

  CAT6243DCADJ-RKG Datasheet HTML 1Page - ON Semiconductor CAT6243DCADJ-RKG Datasheet HTML 2Page - ON Semiconductor CAT6243DCADJ-RKG Datasheet HTML 3Page - ON Semiconductor CAT6243DCADJ-RKG Datasheet HTML 4Page - ON Semiconductor CAT6243DCADJ-RKG Datasheet HTML 5Page - ON Semiconductor CAT6243DCADJ-RKG Datasheet HTML 6Page - ON Semiconductor CAT6243DCADJ-RKG Datasheet HTML 7Page - ON Semiconductor CAT6243DCADJ-RKG Datasheet HTML 8Page - ON Semiconductor CAT6243DCADJ-RKG Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
© Semiconductor Components Industries, LLC, 2016
March, 2016 − Rev. 10
1
Publication Order Number:
CAT6243/D
CAT6243
1 Amp Adjustable CMOS
LDO Voltage Regulator
Description
The CAT6243 is a low dropout CMOS voltage regulator providing
up to 1000 mA of output current with fast response to load current and
line voltage changes. CAT6243 offers a user adjustable output voltage
from 0.8 V to 5.0 V and its low quiescent current make CAT6243 ideal
for energy conscious designs. CAT6243 is available in a DPAK−5
5−lead packages and in a space saving 3 mm x 3 mm WDFN−6
package with a power pad for heat sinking to the PCB.
Features
Guaranteed 1000 mA Continuous Output Current
VOUT: 0.8 V to 5.0 V
Dropout Voltage of 350 mV Typical at 1000 mA
±2.0% Output Voltage Accuracy at Room Temperature
No−load Ground Current of 70 mA Typical
Full−load Ground Current of 140 mA Typical
“Zero” Current Shutdown Mode
Under Voltage Lockout
Stable with Ceramic Output Capacitors
Current Limit and Thermal Protection
4 and 5 Lead DPAK−5 and 3 mm x 3 mm WDFN−6 Power Packages
These Devices are Pb−Free, Halogen Free/BFR Free and are RoHS
Compliant
Typical Applications
DSP Core and I/O Voltages
FPGAs, ASICs
PDAs, Mobile Phones, GPS
Camcorders and Cameras
Hard Disk Drives
MARKING DIAGRAMS
6243
= Specific Device Code
A
= Assembly Location
XXX
= Last Three Digits of
= Assembly Lot Number
Y
= Production Year
WW
= Production Week (Two Digits)
G
= Pb−Free Package
6243
AXXX
YWW
G
1
*Pb−Free indicator, “G” or microdot “
G”,
may or may not be present.
x
= P (CAT)
6243
= Device Code
y
= Output Voltage
= W = Adjustable
G
= Pb−Free Package
A
= Assembly Location
L
= Wafer Lot
Y
= Year
WW
= Work Week
x6243yG
ALYWW
www.onsemi.com
WDFN−6
3 x 3 mm
CASE 511AP
PIN CONNECTIONS
(Top Views)
VIN
VOUT
EN
GND
BYP
1
ADJ
See detailed ordering and shipping information in the package
dimensions section on page 15 of this data sheet.
ORDERING INFORMATION
DPAK−5
TO−252
CASE 369AE
15
GND
(Tab)


Similar Part No. - CAT6243DCADJ-RKG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CAT6243DCADJ.RKG ONSEMI-CAT6243DCADJ.RKG Datasheet
406Kb / 15P
1 Amp Adjustable CMOS LDO Voltage Regulator
July, 2012 ??Rev. 5
More results

Similar Description - CAT6243DCADJ-RKG

ManufacturerPart #DatasheetDescription
logo
AUK corp
S1117AQ AUK-S1117AQ Datasheet
394Kb / 6P
Adjustable and Fixed LDO Voltage Regulator
logo
Sipex Corporation
SP317 SIPEX-SP317 Datasheet
438Kb / 13P
3-Terminal 1 Amp Adjustable Voltage Regulator
logo
Advanced Analogic Techn...
AAT3244 ANALOGICTECH-AAT3244 Datasheet
824Kb / 15P
300mA Adjustable Dual CMOS Low Voltage LDO Linear Regulator
logo
ON Semiconductor
CAT6243 ONSEMI-CAT6243 Datasheet
406Kb / 15P
1 Amp Adjustable CMOS LDO Voltage Regulator
July, 2012 ??Rev. 5
logo
HuaXinAn Electronics CO...
AP1151ADS HUAXINAN-AP1151ADS Datasheet
1Mb / 27P
Input Adjustable Voltage LDO Regulator
AP1155ADU HUAXINAN-AP1155ADU Datasheet
737Kb / 23P
Output Adjustable Voltage LDO Regulator
logo
ON Semiconductor
CAT6241 ONSEMI-CAT6241 Datasheet
571Kb / 17P
1 Amp Adjustable CMOS LDO Voltage Regulator
July, 2013 ??Rev. 6
CAT6243 ONSEMI-CAT6243_15 Datasheet
355Kb / 15P
1 Amp Adjustable CMOS LDO Voltage Regulator
February, 2015 ??Rev. 8
CAT6242 ONSEMI-CAT6242 Datasheet
358Kb / 14P
1.3 Amp CMOS LDO Voltage Regulator
November, 2012 ??Rev. 4
logo
Sipex Corporation
SP317V2-L-TR SIPEX-SP317V2-L-TR Datasheet
304Kb / 13P
3-Terminal 1 Amp Adjustable Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com