Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CAT6243DCADJ-RKG Datasheet(PDF) 14 Page - ON Semiconductor

Part # CAT6243DCADJ-RKG
Description  1 Amp Adjustable CMOS LDO Voltage Regulator
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CAT6243DCADJ-RKG Datasheet(HTML) 14 Page - ON Semiconductor

Back Button CAT6243DCADJ-RKG Datasheet HTML 7Page - ON Semiconductor CAT6243DCADJ-RKG Datasheet HTML 8Page - ON Semiconductor CAT6243DCADJ-RKG Datasheet HTML 9Page - ON Semiconductor CAT6243DCADJ-RKG Datasheet HTML 10Page - ON Semiconductor CAT6243DCADJ-RKG Datasheet HTML 11Page - ON Semiconductor CAT6243DCADJ-RKG Datasheet HTML 12Page - ON Semiconductor CAT6243DCADJ-RKG Datasheet HTML 13Page - ON Semiconductor CAT6243DCADJ-RKG Datasheet HTML 14Page - ON Semiconductor CAT6243DCADJ-RKG Datasheet HTML 15Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 14 / 15 page
background image
CAT6243
www.onsemi.com
14
PACKAGE DIMENSIONS
DPAK−5 (TO−252, 5 LEAD)
CASE 369AE
ISSUE A
DIM
MIN
MAX
MILLIMETERS
E
6.35
6.80
A
2.10
2.50
b
0.40
0.60
c2
0.40
0.60
e
1.27 BSC
H
9.50
10.20
D1
4.80
5.10
A1
0.00
0.13
c
0.40
0.60
E
D
b
L
1.39
1.78
*For additional information on our Pb−Free strategy and soldering
details, please download the ON Semiconductor Soldering and
Mounting Techniques Reference Manual, SOLDERRM/D.
RECOMMENDED
DIMENSIONS: MILLIMETERS
5.70
5X
10.50
6.00
2.10
0.80
1.27
PITCH
SOLDERING FOOTPRINT*
A1
C
H
L
DETAIL A
NOTES:
1. DIMENSIONING AND TOLERANCING PER ASME
Y14.5M, 1994.
2. CONTROLLING DIMENSION: MILLIMETERS.
3. THERMAL PAD CONTOUR OPTIONAL, WITHIN
DIMENSIONS SHOWN.
4. DIMENSIONS D AND E DO NOT INCLUDE MOLD
FLASH, PROTRUSIONS OR BURRS. MOLD
FLASH, PROTRUSIONS OR GATE BURRS SHALL
NOT EXCEED 0.15mm PER SIDE.
5. DIMENSIONS D AND E ARE DETERMINED AT THE
OUTERMOST EXTREMES OF THE PLASTIC BODY.
6. DATUMS A AND B ARE DETERMINED AT DATUM
PLANE H.
D
5.40
6.30
A
A
M
0.12
C
c2
c
A
DETAIL A
BOTTOM VIEW
SIDE VIEW
TOP VIEW
b2
5.14
5.54
E1
L1
2.50
2.90
L2
0.51 BSC
5X
H
B
b2
B
C
E1
D1
L1
0.10 C
GUAGE
PLANE
2
13
4
5
BOTTOM VIEW
ALTERNATE
CONSTRUCTION
5.04
REF
2.74
REF
L2
e
4.75
5.05



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com