Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CAT6243DCADJ-RKG Datasheet(PDF) 10 Page - ON Semiconductor

Part # CAT6243DCADJ-RKG
Description  1 Amp Adjustable CMOS LDO Voltage Regulator
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CAT6243DCADJ-RKG Datasheet(HTML) 10 Page - ON Semiconductor

Back Button CAT6243DCADJ-RKG Datasheet HTML 6Page - ON Semiconductor CAT6243DCADJ-RKG Datasheet HTML 7Page - ON Semiconductor CAT6243DCADJ-RKG Datasheet HTML 8Page - ON Semiconductor CAT6243DCADJ-RKG Datasheet HTML 9Page - ON Semiconductor CAT6243DCADJ-RKG Datasheet HTML 10Page - ON Semiconductor CAT6243DCADJ-RKG Datasheet HTML 11Page - ON Semiconductor CAT6243DCADJ-RKG Datasheet HTML 12Page - ON Semiconductor CAT6243DCADJ-RKG Datasheet HTML 13Page - ON Semiconductor CAT6243DCADJ-RKG Datasheet HTML 14Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
CAT6243
www.onsemi.com
10
PIN FUNCTIONS
VIN
Positive Power Input. Power is supplied to the device
through the VIN pin. A bypass capacitor is required on this
pin if the device is more than six inches away from the main
input filter capacitor. In general it is advisable to include a
small bypass capacitor adjacent to the regulator. In
battery−powered circuits this is particularly important
because the output impedance of a battery rises with
frequency, so a bypass capacitor in the range of 1
mF to 10 mF
is recommended.
GND
Ground. The negative voltage of the input power source.
The center pad on the back of the package is also electrically
ground. This pad is used for cooling the device by making
connection to the buried ground plane through solder filled
vias or by contact with a topside copper surface exposed to
free flowing air.
ENABLE
ENABLE is an active high logic input which controls the
regulator’s the output state. If ENABLE < 0.4 V the
regulator is shutdown and VOUT = 0 V. If ENABLE > 1.6 V
the regulator is active and supplying power to the load.
If the regulator is intended to operate continuously and
won’t be shut down from time to time ENABLE should be
tied to VIN.
BYP
The Bypass Capacitor input is used to decrease output
voltage noise by placing a capacitor between BYP and
ground. The recommended range of capacitance is from
100 pF to 470 pF. Values larger than this will provide no
additional improvement and will further extend CAT6243’s
startup time.
A bypass capacitor is not required for operation and BYP
may be left open or floating if no capacitor is used but DO
NOT ground BYP as this will interfere with the error
amplifier’s functioning.
ADJ
ADJ = Adjust and is the voltage control input. ADJ
connects to the center point of a resistor divider which
determines the CAT6243’s output voltage. See Applications
Section for resistor selection guidelines.
VOUT
VOUT is the regulator’s output and supplies power to the
load. VOUT can be shut off via the ENABLE input. All
CAT6243 members are designed to block reverse current,
meaning anytime VOUT becomes greater than VIN the pass
FET will be shut off so there is no reverse current flow from
output to input. CAT6243 is also equipped with an output
discharge transistor that is turned ON anytime ENABLE is
at a logic Low. This transistor ensures VOUT discharges to
0 V when the regulator is shutdown. This is especially
important when powering digital circuitry because if VOUT
fails to reach 0 V their POR (power−ON reset) circuitry may
not trigger and scrambled data or unpredictable operations
may result.
A minimum output capacitor of 2.2
mF should be placed
between VOUT and GND to insure stable operation.
Increasing the size of COUT, up to 22
mF, will improve
transient response to large changes in load current.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com