Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CAT6243DCADJ-RKG Datasheet(PDF) 3 Page - ON Semiconductor

Part # CAT6243DCADJ-RKG
Description  1 Amp Adjustable CMOS LDO Voltage Regulator
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CAT6243DCADJ-RKG Datasheet(HTML) 3 Page - ON Semiconductor

  CAT6243DCADJ-RKG Datasheet HTML 1Page - ON Semiconductor CAT6243DCADJ-RKG Datasheet HTML 2Page - ON Semiconductor CAT6243DCADJ-RKG Datasheet HTML 3Page - ON Semiconductor CAT6243DCADJ-RKG Datasheet HTML 4Page - ON Semiconductor CAT6243DCADJ-RKG Datasheet HTML 5Page - ON Semiconductor CAT6243DCADJ-RKG Datasheet HTML 6Page - ON Semiconductor CAT6243DCADJ-RKG Datasheet HTML 7Page - ON Semiconductor CAT6243DCADJ-RKG Datasheet HTML 8Page - ON Semiconductor CAT6243DCADJ-RKG Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
CAT6243
www.onsemi.com
3
Table 2. ABSOLUTE MAXIMUM RATINGS
Rating
Symbol
Value
Unit
Input Voltage Range (Note 1)
VIN
−0.3 to 6.0
V
Output Voltage Range
VOUT
−0.3 to 6.0
V
Enable Input Range
EN
−0.3 to 5.5 V or (VIN + 0.3),
whichever is lower
V
Adjust Input Range
ADJ
−0.3 to 5.5 V
V
Bypass Input Range
BYP
−0.3 to 5.5 V or (VIN + 0.3),
whichever is lower
V
Power Dissipation
PD
Internally Limited
mW
Maximum Junction Temperature
TJ(max)
150
°C
Storage Temperature Range
TSTG
−65 to 150
°C
ESD Capability, Human Body Model (Note 2)
ESDHBM
2
kV
ESD Capability, Machine Model (Note 2)
ESDMM
200
V
Lead Temperature Soldering
Reflow (SMD Styles Only), Pb−Free Versions (Note 3)
TSLD
260
°C
Stresses exceeding those listed in the Maximum Ratings table may damage the device. If any of these limits are exceeded, device functionality
should not be assumed, damage may occur and reliability may be affected.
1. Refer to ELECTRICAL CHARACTERISTIS and APPLICATION INFORMATION for Safe Operating range.
2. This device series incorporates ESD protection and is tested by the following methods:
ESD Human Body Model tested per AEC−Q100−002 (EIA/JESD22−A114)
ESD Machine Model tested per AEC−Q100−003 (EIA/JESD22−A115)
Latchup Current Maximum Rating:
≤150 mA per JEDEC standard: JESD78
3. For information, please refer to our Soldering and Mounting Techniques Reference Manual, SOLDERRM/D
Table 3. THERMAL CHARACTERISTICS
Rating
Symbol
Value
Unit
Thermal Characteristics, WDFN6, 3x3 mm
Thermal Resistance, Junction−to−Air: 1 in2/1 oz. copper (Note 4)
Thermal Reference, Junction−to−Case (Note 4)
RqJA
RyJL
55
10
°C/W
Thermal Characteristics, DPAK−5
Thermal Resistance, Junction−to−Air: 1 in2/1 oz. copper (Note 4)
Thermal Reference, Junction−to−Tab (Note 4)
RqJA
RyJT
60
4.3
°C/W
4. Values based on copper area of 650 mm2 (or 1 in2) of 1 oz copper thickness and FR4 PCB substrate.
Table 4. OPERATING RANGES (Note 5)
Rating
Symbol
Min
Max
Unit
Input Voltage (Note 6)
CAT6243−ADJ
CAT6243DC
VIN
1.8
1.8
5.0
5.5
V
Output Current
IOUT
0.1
1000
mA
Output Voltage
VOUT
0.8
5.0
V
Ambient Temperature
TA
−40
85
°C
5. Refer to ELECTRICAL CHARACTERISTIS and APPLICATION INFORMATION for Safe Operating range.
6. Minimum VIN_MIN = 1.8 V or (VOUT + VDO), whichever is higher.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com