Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CAT6243DCADJ-RKG Datasheet(PDF) 6 Page - ON Semiconductor

Part # CAT6243DCADJ-RKG
Description  1 Amp Adjustable CMOS LDO Voltage Regulator
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CAT6243DCADJ-RKG Datasheet(HTML) 6 Page - ON Semiconductor

Back Button CAT6243DCADJ-RKG Datasheet HTML 2Page - ON Semiconductor CAT6243DCADJ-RKG Datasheet HTML 3Page - ON Semiconductor CAT6243DCADJ-RKG Datasheet HTML 4Page - ON Semiconductor CAT6243DCADJ-RKG Datasheet HTML 5Page - ON Semiconductor CAT6243DCADJ-RKG Datasheet HTML 6Page - ON Semiconductor CAT6243DCADJ-RKG Datasheet HTML 7Page - ON Semiconductor CAT6243DCADJ-RKG Datasheet HTML 8Page - ON Semiconductor CAT6243DCADJ-RKG Datasheet HTML 9Page - ON Semiconductor CAT6243DCADJ-RKG Datasheet HTML 10Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
CAT6243
www.onsemi.com
6
TYPICAL CHARACTERISTICS
(shown for VOUT = 2.5 V, VIN = 3.5 V, IOUT = 1 mA, CIN = 1 mF, COUT = 4.7 mF, CBYP = 0, and TA = 25°C unless otherwise specified.)
Figure 3. Output Voltage vs. Load Current
Figure 4. Output Voltage vs. Input Voltage
INPUT VOLTAGE (V)
5.0
4.5
4.0
3.5
3.0
2.5
2.0
1.5
2.48
2.49
2.50
2.51
2.52
Figure 5. Ground Current vs. Load Current
Figure 6. Ground Current vs. Input Voltage
OUTPUT LOAD CURRENT (mA)
INPUT VOLTAGE (V)
900
700
600
500
300
200
100
0
50
60
70
80
90
150
4.5
3.5
3.0
2.5
1.5
1.0
0.5
0
0
10
20
30
40
50
60
100
Figure 7. Dropout Voltage vs. Load Current
Figure 8. Dropout Characteristics
OUTPUT LOAD CURRENT (mA)
INPUT VOLTAGE (V)
800
700
500
400
300
200
100
0
0
50
100
150
250
350
400
4.5
4.0
3.0
2.5
1.5
0.5
0
0
0.5
1.0
1.5
2.5
3.0
5.5
400
800
1000
1.0
2.0
3.5
5.5
2.0
4.0
5.0 5.5
1000
200
300
OUTPUT LOAD CURRENT (mA)
900
800
600
400
300
200
100
0
2.45
2.46
2.48
2.49
2.51
2.52
2.54
2.55
500
1000
2.47
2.50
2.53
700
100
110
120
130
140
70
80
90
600
900
5.0
2.0
IOUT = 1000 mA
IOUT = 1 mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com