Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CAT6243DCADJ-RKG Datasheet(PDF) 4 Page - ON Semiconductor

Part # CAT6243DCADJ-RKG
Description  1 Amp Adjustable CMOS LDO Voltage Regulator
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CAT6243DCADJ-RKG Datasheet(HTML) 4 Page - ON Semiconductor

  CAT6243DCADJ-RKG Datasheet HTML 1Page - ON Semiconductor CAT6243DCADJ-RKG Datasheet HTML 2Page - ON Semiconductor CAT6243DCADJ-RKG Datasheet HTML 3Page - ON Semiconductor CAT6243DCADJ-RKG Datasheet HTML 4Page - ON Semiconductor CAT6243DCADJ-RKG Datasheet HTML 5Page - ON Semiconductor CAT6243DCADJ-RKG Datasheet HTML 6Page - ON Semiconductor CAT6243DCADJ-RKG Datasheet HTML 7Page - ON Semiconductor CAT6243DCADJ-RKG Datasheet HTML 8Page - ON Semiconductor CAT6243DCADJ-RKG Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
CAT6243
www.onsemi.com
4
Table 5. ELECTRICAL CHARACTERISTICS (VIN = (VOUT + 1 V) or VIN_MIN, whichever is higher, CIN = 1 mF, COUT = 2.2 mF, for
typical values TA = 25°C, for Bold values TA = −40°C to 85°C; unless otherwise noted.)
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
INPUT / OUTPUT
VOUT
Output Voltage Range
CAT6243−ADJ
CAT6243DC
0.8
0.8
4.5
5.0
V
VOUT−ACC
Output Voltage Accuracy
CAT6243−ADJ
CAT6243DC
CAT6243DC
Initial accuracy, IOUT = 1 mA
−2
−2
−3
+2
+2
+3
%
VADJ
Voltage at ADJ input
0.784
0.8
0.816
V
TCOUT
Output Voltage Temp. Coefficient
CAT6243−ADJ
CAT6243DC
25
50
ppm/
°C
IOUT
Output Current
0.0001
1
A
VR−LINE
Line Regulation
VIN = VOUT + 1.0 V to
VIN(max), IOUT = 10 mA
−0.2
±0.05
0.2
%/V
VIN = VOUT + 1.0 V to
VIN(max), IOUT = 10 mA
−0.35
0.35
VR−LOAD
Load Regulation
IOUT = 100 mA to 1000 mA
1.5
2
%
IOUT = 100 mA to 1000 mA
3
VDO
VOUT = 1.2 V
IOUT = 300 mA
TA = 25°C
600
mV
VOUT = 2.5 V
CAT6243−ADJ
CAT6243DC
110
130
VOUT = 3.3 V
85
VOUT = 1.2 V
CAT6243−ADJ
CAT6243DC
IOUT = 1 A
TA = 25°C
625
650
VOUT = 2.5 V
CAT6243−ADJ
CAT6243DC
350
400
VOUT = 3.3 V
275
IADJ
ADJ Input Current
100
nA
IGND
Ground Current
IOUT = 0 mA
70
mA
IOUT = 0 mA
100
IOUT = 1000 mA
140
200
IOUT = 1000 mA
250
IGND−SD
Shutdown Ground Current
CAT6243−ADJ
CAT6243DC
VEN < 0.4 V
2
5
mA
ISC
Output short circuit current limit
VOUT = 0 V
900
mA
PSRR AND NOISE
PSRR
Power Supply Rejection Ratio
CAT6243
f = 1 kHz, BYP = 470 pF,
IOUT = 10 mA
54
dB
f = 20 kHz, BYP = 470 pF,
IOUT = 10 mA
42
eN
Output Noise Voltage for 1.8 V output
BW = 10 Hz to 100 kHz
BYP = 470 pF, IOUT = 10 mA
45
mVrms
UVLO, ROUT AND ESR
VUVLO
Under voltage lockout threshold
1.65
1.75
V
ROUT−SH
ON resistance of Discharge Transistor
150
W
ESR
COUT equivalent series resistance
5
500
m
W
7. Performance guaranteed over the indicated operating temperature range by design and/or characterization tested at TJ = TA = 25_C. Low
duty cycle pulse techniques are used during testing to maintain the junction temperature as close to ambient as possible.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com