Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CAT6243DCADJ-RKG Datasheet(PDF) 11 Page - ON Semiconductor

Part # CAT6243DCADJ-RKG
Description  1 Amp Adjustable CMOS LDO Voltage Regulator
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CAT6243DCADJ-RKG Datasheet(HTML) 11 Page - ON Semiconductor

Back Button CAT6243DCADJ-RKG Datasheet HTML 7Page - ON Semiconductor CAT6243DCADJ-RKG Datasheet HTML 8Page - ON Semiconductor CAT6243DCADJ-RKG Datasheet HTML 9Page - ON Semiconductor CAT6243DCADJ-RKG Datasheet HTML 10Page - ON Semiconductor CAT6243DCADJ-RKG Datasheet HTML 11Page - ON Semiconductor CAT6243DCADJ-RKG Datasheet HTML 12Page - ON Semiconductor CAT6243DCADJ-RKG Datasheet HTML 13Page - ON Semiconductor CAT6243DCADJ-RKG Datasheet HTML 14Page - ON Semiconductor CAT6243DCADJ-RKG Datasheet HTML 15Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 11 / 15 page
background image
CAT6243
www.onsemi.com
11
APPLICATIONS INFORMATION
Input Decoupling (CIN)
A ceramic or tantalum 1
mF capacitor is recommended and
should be connected close to the CAT6243’s package.
Higher capacitance and lower ESR will improve the overall
line and load transient response.
Output Decoupling (COUT)
The minimum output decoupling value is 2.2
mF and can
be
augmented
to
fulfill
stringent
load
transient
requirements. The regulator works with ceramic chip
capacitors. Larger values, up to 22
mF, improve noise
rejection and load regulation transient response. The
CAT6243 is a highly stable regulator and performs well over
a wide range capacitor Equivalent Series Resistances (ESR).
No−Load Regulation Considerations
The CAT6243 adjustable regulator will operate properly
under conditions where the only load current is through the
resistor divider that sets the output voltage. However, in the
case where the CAT6243 is configured to provide a 0.8 V
output, there is no resistor divider and the ADJ pin is
connected to VOUT. If the part is enabled under no−load
conditions, leakage current through the pass transistor at
junction temperatures above 85
°C can approach several
microamperes,
especially
as
junction
temperature
approaches 150
°C. If this leakage current is not directed into
a load, the output voltage will rise above nominal until a load
is applied. For this reason it is recommended that a minimum
load of 100
mA be present at all times. Normally the voltage
setting resistor divider will serve this function but if no
divider is used (VOUT = 0.8 V) then an external load of 8 K
W
should be provided.
Output Voltage Adjust
The output voltage can be adjusted from 0.8 V to 5.0 V
using resistors between the output and the ADJ input. The
output voltage and resistors are chosen using Equation 1 and
Equation 2.
V
OUT + 0.8 1 )
R
1
R
2
) I
ADJ
R
1
(eq. 1)
R
2 ^
0.8 V
I
DIV
(eq. 2)
R
1 ^ R2
V
OUT
0.8 V
* 1
(eq. 3)
Figure 27. Adjustable Output Resistor Divider
VIN
ENABLE
CAT6243
ADJ
VOUT
GND
VIN
VOUT
COUT
R2
R1
CIN
CBYP
BYP
Input bias current, IADJ, for all practical designs can be
ignored
(IADJ = 0). Considering that the lowest
recommended IOUT value is 100
mA, then, when there is no
load on VOUT, IDIV must be 100
mA to keep CAT6243 in
regulation. This then sets R2’s value using Equation 2 to
8K
W, which minimizes output noise. Use Equation 3 to find
the required value for R1. If needed, lower values for IDIV
can be considered, but not lower than 10
mA. The price will
be worse values for both load regulation and TCOUT.
Thermal Considerations
As power in the CAT6243 increases, it may become
necessary to provide thermal relief. The maximum power
dissipation supported by this device is dependent upon
board design and layout. Mounting pad configuration on the
PCB, the board material, and the ambient temperature affect
the rate of junction temperature rise for the part. When the
CAT6243 has good thermal conductivity through the PCB,
the junction temperature will be relatively low even with
high power applications. The maximum dissipation the
CAT6243 can handle is given by:
P
D(MAX) +
T
J(MAX) * TA
RqJA
(eq. 4)
Since TJ is not recommended to exceed 125
°C, then with
CAT6243 soldered to 645 mm2 (1 sq inch), 1 oz copper area,
FR4 PCB material can dissipate in excess of 1 W when the
ambient temperature (TA) is 25
°C. Note that this assumes the
pad in the center of the package is soldered to the dissipating
copper foil. See Figure below for RqJA versus PCB area for
heat dissipating areas smaller than 645 mm2. Power
dissipation can be calculated from the following equations:
P
D [ VIN(IGND ) IOUT) ) IOUT(VIN * VOUT)
(eq. 5)
or
V
IN(MAX) [
P
D(MAX) ) (VOUT
I
OUT)
I
OUT ) IGND
(eq. 6)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com