Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CAT6243DCADJ-RKG Datasheet(PDF) 12 Page - ON Semiconductor

Part # CAT6243DCADJ-RKG
Description  1 Amp Adjustable CMOS LDO Voltage Regulator
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CAT6243DCADJ-RKG Datasheet(HTML) 12 Page - ON Semiconductor

Back Button CAT6243DCADJ-RKG Datasheet HTML 7Page - ON Semiconductor CAT6243DCADJ-RKG Datasheet HTML 8Page - ON Semiconductor CAT6243DCADJ-RKG Datasheet HTML 9Page - ON Semiconductor CAT6243DCADJ-RKG Datasheet HTML 10Page - ON Semiconductor CAT6243DCADJ-RKG Datasheet HTML 11Page - ON Semiconductor CAT6243DCADJ-RKG Datasheet HTML 12Page - ON Semiconductor CAT6243DCADJ-RKG Datasheet HTML 13Page - ON Semiconductor CAT6243DCADJ-RKG Datasheet HTML 14Page - ON Semiconductor CAT6243DCADJ-RKG Datasheet HTML 15Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 12 / 15 page
background image
CAT6243
www.onsemi.com
12
Figure 28. Thermal Resistance vs. PCB Copper Area for 3 mm x 3 mm WDFN Package
0
0
25
50
75
100
125
150
175
200
225
250
275
300
650
50
100
150
200
250
300
Copper heat spreading area (mm2)
1 oz C.F
2 oz C.F
1 oz Sim
2 oz Sim
Figure 29. Topside Copper Foil Pattern for Heat Dissipation
Close−up of pad area
PCB Layout Top Layer and
connections to heat spreading plane
Design Hints
VIN and GND printed circuit board traces should be as
wide as possible. When the impedance of these traces is high
due to narrow trace width or long length, there is a chance
to pick up noise or cause the regulator to malfunction. Place
external components, especially the input and output
capacitors, as close as possible to the CAT6243, and keep
traces between power source and load as short as possible.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com