Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CAT6243DCADJ-RKG Datasheet(PDF) 7 Page - ON Semiconductor

Part # CAT6243DCADJ-RKG
Description  1 Amp Adjustable CMOS LDO Voltage Regulator
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CAT6243DCADJ-RKG Datasheet(HTML) 7 Page - ON Semiconductor

Back Button CAT6243DCADJ-RKG Datasheet HTML 3Page - ON Semiconductor CAT6243DCADJ-RKG Datasheet HTML 4Page - ON Semiconductor CAT6243DCADJ-RKG Datasheet HTML 5Page - ON Semiconductor CAT6243DCADJ-RKG Datasheet HTML 6Page - ON Semiconductor CAT6243DCADJ-RKG Datasheet HTML 7Page - ON Semiconductor CAT6243DCADJ-RKG Datasheet HTML 8Page - ON Semiconductor CAT6243DCADJ-RKG Datasheet HTML 9Page - ON Semiconductor CAT6243DCADJ-RKG Datasheet HTML 10Page - ON Semiconductor CAT6243DCADJ-RKG Datasheet HTML 11Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
CAT6243
www.onsemi.com
7
TYPICAL CHARACTERISTICS
(shown for VOUT = 2.5 V, VIN = 3.5 V, IOUT = 1 mA, CIN = 1 mF, COUT = 4.7 mF, CBYP = 0, and TA = 25°C unless otherwise specified.)
Figure 9. Rising Enable Threshold vs. Supply
Voltage
Figure 10. Falling Enable Threshold vs. Supply
Voltage
INPUT VOLTAGE (V)
INPUT VOLTAGE (V)
5.0
4.5
4.0
3.5
3.0
2.5
2.0
1.5
0
0.2
0.4
0.6
0.8
1.0
1.2
5.0
4.5
4.0
3.5
3.0
2.5
2.0
1.5
0
0.2
0.4
0.6
0.8
1.0
1.2
Figure 11. Current Limit on Output vs. Supply
Voltage
Figure 12. PSRR @ 10 mA
INPUT VOLTAGE (V)
FREQUENCY (Hz)
1E+01
0
10
20
30
40
60
70
80
5.5
5.5
50
1E+02
1E+03
1E+04
1E+05
1E+06
Figure 13. Adjustable Voltage vs. Temperature
Figure 14. Ground Current vs. Temperature
TEMPERATURE (
°C)
TEMPERATURE (
°C)
100
80
60
40
20
0
−20
−40
780
790
800
810
820
120
100
80
60
40
20
0
−20
−40
40
50
60
70
80
120
5
4
3
2
1
0
0
200
400
800
1000
1200
600
1400
VOUT = 0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com