Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OM6206U/Z Datasheet(PDF) 5 Page - NXP Semiconductors

Part # OM6206U/Z
Description  65 X 102 pixels matrix LCD driver
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

OM6206U/Z Datasheet(HTML) 5 Page - NXP Semiconductors

  OM6206U/Z Datasheet HTML 1Page - NXP Semiconductors OM6206U/Z Datasheet HTML 2Page - NXP Semiconductors OM6206U/Z Datasheet HTML 3Page - NXP Semiconductors OM6206U/Z Datasheet HTML 4Page - NXP Semiconductors OM6206U/Z Datasheet HTML 5Page - NXP Semiconductors OM6206U/Z Datasheet HTML 6Page - NXP Semiconductors OM6206U/Z Datasheet HTML 7Page - NXP Semiconductors OM6206U/Z Datasheet HTML 8Page - NXP Semiconductors OM6206U/Z Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 36 page
background image
2001 Nov 14
5
Philips Semiconductors
Product specification
65
× 102 pixels matrix LCD driver
OM6206
6
PINNING
6.1
Pin functions
6.1.1
R0 TO R64: ROW DRIVER OUTPUTS
These pins output the row signals.
6.1.2
C0 TO C101: COLUMN DRIVER OUTPUTS
These pins output the column signals.
6.1.3
VSS1 AND VSS2: GROUND SUPPLY RAILS
The supply rails VSS1 and VSS2 must be connected
together.
6.1.4
VDD1,VDD2 AND VDD3: SUPPLY VOLTAGE RAILS
VDD2 and VDD3 are the supply voltage for the internal
voltage generator. Both have the same voltage and should
be connected together outside the chip. VDD1 is used as
supply voltage for the rest of the chip. VDD1 can be
connected together with VDD2 and VDD3 but in this case
care must be taken to respect the supply voltage range
(see Chapter 11).
If the internal voltage generator is not used the pins
VDD2 and VDD3 must be connected to pin VDD1 or
connected to the supply voltage.
6.1.5
VLCDIN: LCD SUPPLY VOLTAGE
Positive supply voltage for the liquid crystal display. An
external LCD supply voltage can be supplied using
pin VLCDIN. In this case, VLCDOUT has to be left open and
the internal voltage generator has to be programmed to
zero. If the OM6206 is in Power-down mode, the external
LCD supply voltage has to be switched off.
6.1.6
VLCDOUT: VOLTAGE MULTIPLIER OUTPUT
Positive supply voltage for the liquid crystal display. If the
internal voltage generator is used, the two supply rails
VLCDIN and VLCDOUT must be connected together. If an
external supply is used this pin must be left open.
6.1.7
VLCDSENSE: VOLTAGE MULTIPLIER REGULATION
INPUT
VLCDSENSE is the input of the internal voltage multiplier
regulation.
If the internal voltage generator is used then VLCDSENSE
must be connected to VLCDOUT. If an external supply
voltage is used then VLCDSENSE can be left open or
connected to ground.
6.1.8
T1 TO T5: TEST PINS
T1, T3, T4 and T5 must be connected to VSS, T2 must be
left open. Not accessible to user.
SYMBOL
PAD
DESCRIPTION
R0 to R18
18 to 36
LCD row driver outputs
R19 to R32
2 to 15
LCD row driver outputs
R33 to R50
156 to 139
LCD row driver outputs
R51 to R64
159 to 172
LCD row driver outputs
C0 to C101
37 to 138
LCD column driver outputs
VSS1
214 to 217,
221 and 222
ground supply 1
VSS2
200 to 213
ground supply 2
VDD1
174 to 179
supply voltage 1
VDD2
181 to 193
supply voltage 2
VDD3
180
supply voltage 3
VLCDIN
224 to 229
LCD supply voltage (VLCD)
VLCDOUT
230 to 236
voltage multiplier output
(VLCD)
VLCDSENSE
237
voltage multiplier
regulation input (VLCD)
T1
218
test 1 input
T2
198
test 2 output
T3
223
test 3 input/output
T4
220
test 4 input
T5
219
test 5 input
SCLK
194
serial clock input
SDIN
195
serial data input
D/C
196
data or command selection
input
SCE
197
chip enable (active LOW)
OSC
199
oscillator signal input
RES
1
external reset input (active
LOW)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com