Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OM6206U/Z Datasheet(PDF) 28 Page - NXP Semiconductors

Part # OM6206U/Z
Description  65 X 102 pixels matrix LCD driver
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

OM6206U/Z Datasheet(HTML) 28 Page - NXP Semiconductors

Back Button OM6206U/Z Datasheet HTML 24Page - NXP Semiconductors OM6206U/Z Datasheet HTML 25Page - NXP Semiconductors OM6206U/Z Datasheet HTML 26Page - NXP Semiconductors OM6206U/Z Datasheet HTML 27Page - NXP Semiconductors OM6206U/Z Datasheet HTML 28Page - NXP Semiconductors OM6206U/Z Datasheet HTML 29Page - NXP Semiconductors OM6206U/Z Datasheet HTML 30Page - NXP Semiconductors OM6206U/Z Datasheet HTML 31Page - NXP Semiconductors OM6206U/Z Datasheet HTML 32Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 36 page
background image
2001 Nov 14
28
Philips Semiconductors
Product specification
65
× 102 pixels matrix LCD driver
OM6206
Note
1. All x/y coordinates (in
µm) are referenced to the centre
of the chip (see Fig.20).
Table 9
Bonding pad dimensions
VSS2
212
−430
+935
VSS2
213
−510
+935
VSS1
214
−670
+935
VSS1
215
−750
+935
VSS1
216
−830
+935
VSS1
217
−910
+935
T1
218
−1150
+935
T5
219
−1630
+935
T4
220
−2030
+935
VSS1
221
−2110
+935
VSS1
222
−2190
+935
T3
223
−2270
+935
VLCDIN
224
−2510
+935
VLCDIN
225
−2590
+935
VLCDIN
226
−2670
+935
VLCDIN
227
−2750
+935
VLCDIN
228
−2830
+935
VLCDIN
229
−2910
+935
VLCDOUT
230
−3070
+935
VLCDOUT
231
−3150
+935
VLCDOUT
232
−3230
+935
VLCDOUT
233
−3310
+935
VLCDOUT
234
−3390
+935
VLCDOUT
235
−3470
+935
VLCDOUT
236
−3550
+935
VLCDSENSE
237
−3630
+935
Alignment marks
Circle 1
−5185
−910
Circle 2
+5185
−910
Circle 3
+4160
+910
Circle 4
−4160
+910
SYMBOL
PAD
COORDINATES(1)
xy
NAME
DIMENSION
Pad pitch
70
µm
Pad size, aluminium
62
× 100 µm
Bump dimensions
50
× 90 × 17.5 (±5) µm
Wafer thickness (including
bumps)
maximum 430
µm
Wafer thickness (without
bumps)
typical 380
µm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com