Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OM6206U/Z Datasheet(PDF) 11 Page - NXP Semiconductors

Part # OM6206U/Z
Description  65 X 102 pixels matrix LCD driver
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

OM6206U/Z Datasheet(HTML) 11 Page - NXP Semiconductors

Back Button OM6206U/Z Datasheet HTML 7Page - NXP Semiconductors OM6206U/Z Datasheet HTML 8Page - NXP Semiconductors OM6206U/Z Datasheet HTML 9Page - NXP Semiconductors OM6206U/Z Datasheet HTML 10Page - NXP Semiconductors OM6206U/Z Datasheet HTML 11Page - NXP Semiconductors OM6206U/Z Datasheet HTML 12Page - NXP Semiconductors OM6206U/Z Datasheet HTML 13Page - NXP Semiconductors OM6206U/Z Datasheet HTML 14Page - NXP Semiconductors OM6206U/Z Datasheet HTML 15Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 36 page
background image
2001 Nov 14
11
Philips Semiconductors
Product specification
65
× 102 pixels matrix LCD driver
OM6206
handbook, halfpage
MGT865
data
data
MSB (DB7)
LSB (DB0)
Fig.7 General format of data stream.
handbook, full pagewidth
MGT866
temperature control
set VOP
bias system
function set (H = 1)
X-address
Y-address
display control
function set (H = 0)
Fig.8 Serial data stream, example.
Figures 9 and 10 show the serial bus protocol:
• When SCE is HIGH, SCLK clock signals are ignored.
During the HIGH time of SCE, the serial interface is
initialized (see Fig.11)
• SDIN is sampled at the positive edge of SCLK
• D/C indicates, whether the byte is a command
(D/C = LOW) or RAM data (D/C = HIGH); it is read with
the eighth SCLK pulse
• If SCE stays LOW after the last bit of a
command/data byte, the serial interface expects bit 7 of
the next byte at the next positive edge of SCLK (see
Fig.11)
• A reset pulse with RES interrupts the transmission.
No data are written into the RAM. The registers are
cleared. If SCE is LOW after the positive edge of RES,
the serial interface is ready to receive bit 7 of a
command/data byte (see Fig.11).
handbook, full pagewidth
SCE
D/C
SCLK
SDIN
DB7
DB6
DB5
DB4
DB3
DB2
DB1
DB0
MGT867
Fig.9 Serial bus protocol for transmission of one byte.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com