Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OM6206U/Z Datasheet(PDF) 2 Page - NXP Semiconductors

Part # OM6206U/Z
Description  65 X 102 pixels matrix LCD driver
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

OM6206U/Z Datasheet(HTML) 2 Page - NXP Semiconductors

  OM6206U/Z Datasheet HTML 1Page - NXP Semiconductors OM6206U/Z Datasheet HTML 2Page - NXP Semiconductors OM6206U/Z Datasheet HTML 3Page - NXP Semiconductors OM6206U/Z Datasheet HTML 4Page - NXP Semiconductors OM6206U/Z Datasheet HTML 5Page - NXP Semiconductors OM6206U/Z Datasheet HTML 6Page - NXP Semiconductors OM6206U/Z Datasheet HTML 7Page - NXP Semiconductors OM6206U/Z Datasheet HTML 8Page - NXP Semiconductors OM6206U/Z Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 36 page
background image
2001 Nov 14
2
Philips Semiconductors
Product specification
65
× 102 pixels matrix LCD driver
OM6206
CONTENTS
1
FEATURES
2
APPLICATIONS
3
GENERAL DESCRIPTION
4
ORDERING INFORMATION
5
BLOCK DIAGRAM
6
PINNING
6.1
Pin functions
6.1.1
R0 to R64: row driver outputs
6.1.2
C0 to C101: column driver outputs
6.1.3
VSS1 and VSS2: ground supply rails
6.1.4
VDD1, VDD2 and VDD3: supply voltage rails
6.1.5
VLCDIN: LCD supply voltage
6.1.6
VLCDOUT: voltage multiplier output
6.1.7
VLCDSENSE: voltage multiplier regulation input
6.1.8
T1 to T5: test pins
6.1.9
SDIN: serial data line
6.1.10
SCLK: serial clock line
6.1.11
D/C: mode select
6.1.12
SCE: chip enable
6.1.13
OSC: oscillator
6.1.14
RES: reset
7
FUNCTIONAL DESCRIPTION
7.1
Oscillator
7.2
Address counter
7.3
Display data RAM (DDRAM)
7.4
Timing generator
7.5
Display address counter
7.6
LCD row and column drivers
7.7
Addressing
7.7.1
Data structure
8
INSTRUCTIONS
8.1
Initialization
8.2
Reset function
8.3
Function set
8.3.1
PD
8.3.2
V
8.3.3
H
8.4
Display control
8.4.1
D and E
8.5
Set Y-address of RAM
8.6
Set X-address of RAM
8.7
Set high-voltage generator stages
8.8
Bias system
8.9
Temperature control
8.10
Set VOP value
9
LIMITING VALUES
10
HANDLING
11
DC CHARACTERISTICS
12
AC CHARACTERISTICS
13
APPLICATION INFORMATION
13.1
Programming example for the OM6206
13.2
Application diagrams
13.3
Application for COG
13.4
Chip information
14
BONDING PAD INFORMATION
15
DEVICE PROTECTION CIRCUITS
16
TRAY INFORMATION
17
DATA SHEET STATUS
18
DEFINITIONS
19
DISCLAIMERS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com