Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OM6206U/Z Datasheet(PDF) 22 Page - NXP Semiconductors

Part # OM6206U/Z
Description  65 X 102 pixels matrix LCD driver
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

OM6206U/Z Datasheet(HTML) 22 Page - NXP Semiconductors

Back Button OM6206U/Z Datasheet HTML 18Page - NXP Semiconductors OM6206U/Z Datasheet HTML 19Page - NXP Semiconductors OM6206U/Z Datasheet HTML 20Page - NXP Semiconductors OM6206U/Z Datasheet HTML 21Page - NXP Semiconductors OM6206U/Z Datasheet HTML 22Page - NXP Semiconductors OM6206U/Z Datasheet HTML 23Page - NXP Semiconductors OM6206U/Z Datasheet HTML 24Page - NXP Semiconductors OM6206U/Z Datasheet HTML 25Page - NXP Semiconductors OM6206U/Z Datasheet HTML 26Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 36 page
background image
2001 Nov 14
22
Philips Semiconductors
Product specification
65
× 102 pixels matrix LCD driver
OM6206
13 APPLICATION INFORMATION
13.1
Programming example for the OM6206
Table 8
Programming example
STEP
SERIAL BUS BYTE
DISPLAY
OPERATION
D/C
DB7
DB6
DB5
DB4
DB3
DB2
DB1
DB0
1
start
SCE is going LOW
2
000100001
function set:
PD = 0 and V = 0; select
extended instruction set
(H=1)
3
010010000
set VOP: VOP is set to
a +16
× b [V]
4
000100000
function set:
PD = 0 and V = 0; select
normal instruction set
(H=0)
5
000001100
display control: set
normal mode
(D=1andE=0)
6
100011111
data write: Y and X are
initialized to 0 by default,
so they are not set here
7
100000101
data write
8
100000111
data write
9
100000000
data write
10
100011111
data write
11
100000100
data write
MGT144
MGT145
MGT146
MGT146
MGT148
MGT149



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com