Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OM6206U/Z Datasheet(PDF) 3 Page - NXP Semiconductors

Part # OM6206U/Z
Description  65 X 102 pixels matrix LCD driver
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

OM6206U/Z Datasheet(HTML) 3 Page - NXP Semiconductors

  OM6206U/Z Datasheet HTML 1Page - NXP Semiconductors OM6206U/Z Datasheet HTML 2Page - NXP Semiconductors OM6206U/Z Datasheet HTML 3Page - NXP Semiconductors OM6206U/Z Datasheet HTML 4Page - NXP Semiconductors OM6206U/Z Datasheet HTML 5Page - NXP Semiconductors OM6206U/Z Datasheet HTML 6Page - NXP Semiconductors OM6206U/Z Datasheet HTML 7Page - NXP Semiconductors OM6206U/Z Datasheet HTML 8Page - NXP Semiconductors OM6206U/Z Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 36 page
background image
2001 Nov 14
3
Philips Semiconductors
Product specification
65
× 102 pixels matrix LCD driver
OM6206
1
FEATURES
• Single-chip LCD controller and driver
• 65 row and 102 column outputs
• Display data RAM 65 × 102 bits
• On-chip:
– Configurable 5 (4, 3 and 2)
× voltage multiplier
generating VLCD (external VLCD also possible)
– Generation of intermediate LCD bias voltages
– Oscillator requires no external components
(external clock also possible).
• External reset input pin RES
• Serial interface maximum 4.0 Mbits/s
• CMOS compatible inputs
• Multiplex rate of 1 : 65
• Logic supply voltage range from 2.5 to 5.5 V
(VDD1 to VSS)
• High-voltage generator supply voltage range from
2.5 to 4.5 V (VDD2 and VDD3 to VSS)
• Display supply voltage range from 4.5 to 9.0 V
(VLCD to VSS)
• Low power consumption, suitable for battery operated
systems
• Temperature compensation of VLCD
• Temperature range from −40 to +85 °C
• Slim chip layout, suited for Chip-On-Glass (COG)
applications.
2
APPLICATIONS
• Telecom equipment.
3
GENERAL DESCRIPTION
The OM6206 is a low-power CMOS LCD controller and
driver, designed to drive a graphic display of 65 rows and
102 columns. All necessary functions for the display are
provided in a single chip, including on-chip generation of
LCD supply and bias voltages, resulting in a minimum of
external components and low power consumption.
The OM6206 interfaces to microcontrollers via a serial bus
interface.
4
ORDERING INFORMATION
TYPE NUMBER
PACKAGE
NAME
DESCRIPTION
VERSION
OM6206U/Z
−
chip with bumps in tray
−



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com