Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OM6206U/Z Datasheet(PDF) 18 Page - NXP Semiconductors

Part # OM6206U/Z
Description  65 X 102 pixels matrix LCD driver
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

OM6206U/Z Datasheet(HTML) 18 Page - NXP Semiconductors

Back Button OM6206U/Z Datasheet HTML 14Page - NXP Semiconductors OM6206U/Z Datasheet HTML 15Page - NXP Semiconductors OM6206U/Z Datasheet HTML 16Page - NXP Semiconductors OM6206U/Z Datasheet HTML 17Page - NXP Semiconductors OM6206U/Z Datasheet HTML 18Page - NXP Semiconductors OM6206U/Z Datasheet HTML 19Page - NXP Semiconductors OM6206U/Z Datasheet HTML 20Page - NXP Semiconductors OM6206U/Z Datasheet HTML 21Page - NXP Semiconductors OM6206U/Z Datasheet HTML 22Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 36 page
background image
2001 Nov 14
18
Philips Semiconductors
Product specification
65
× 102 pixels matrix LCD driver
OM6206
handbook, full pagewidth
MGT878
00
01
02
a1 + b
a2
a1
VLCD
(V)
03
04
05
06
. . . 5F
6F
7F
00
01
02
03
04
05
06
. . . 5F
6F
7F
b
LOW (PRS = 0)
HIGH (PRS = 1)
Fig.14 VOP programming at T = Tcut.
VOP6 to VOP0 to be programmed (00H to 7FH), programming ranges LOW and HIGH.
As the programming range for the internally generated VLCD allows values above the maximum allowed VLCD (9.0 V) the
user has to ensure while setting the VOP value and selecting the Temperature Coefficient (TC), that under all conditions
and including all tolerances the VLCD remains below 9.0 V.
9
LIMITING VALUES
In accordance with the Absolute Maximum Rating System (IEC 60134); notes 1 and 2.
Notes
1. Stresses above those listed under limiting values may cause permanent damage to the device.
2. Parameters are valid over operating temperature range unless otherwise specified. All voltages are with respect to
VSS unless otherwise specified.
SYMBOL
PARAMETER
MIN.
MAX.
UNIT
VDD1
supply voltage 1
−0.5
+6.5
V
VDD2,, VDD3
supply voltages 2 and 3
−0.5
+4.5
V
VLCD
supply voltage LCD
−0.5
+9.0
V
Vi
all input voltages
−0.5
VDD + 0.5
V
ISS
ground supply current
−50
+50
mA
II, IO
DC input or output current
−10
+10
mA
Ptot
total power dissipation
−
300
mW
P/out
power dissipation per output
−
30
mW
Tstg
storage temperature
−65
+150
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com