Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OM6206U/Z Datasheet(PDF) 14 Page - NXP Semiconductors

Part # OM6206U/Z
Description  65 X 102 pixels matrix LCD driver
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

OM6206U/Z Datasheet(HTML) 14 Page - NXP Semiconductors

Back Button OM6206U/Z Datasheet HTML 10Page - NXP Semiconductors OM6206U/Z Datasheet HTML 11Page - NXP Semiconductors OM6206U/Z Datasheet HTML 12Page - NXP Semiconductors OM6206U/Z Datasheet HTML 13Page - NXP Semiconductors OM6206U/Z Datasheet HTML 14Page - NXP Semiconductors OM6206U/Z Datasheet HTML 15Page - NXP Semiconductors OM6206U/Z Datasheet HTML 16Page - NXP Semiconductors OM6206U/Z Datasheet HTML 17Page - NXP Semiconductors OM6206U/Z Datasheet HTML 18Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 36 page
background image
2001 Nov 14
14
Philips Semiconductors
Product specification
65
× 102 pixels matrix LCD driver
OM6206
TC1 and TC0
00
VLCD temperature coefficient 0
00
01
VLCD temperature coefficient 1
10
VLCD temperature coefficient 2
11
VLCD temperature coefficient 3
S1 and S0
00
2
× voltage multiplier
00
01
3
× voltage multiplier
10
4
× voltage multiplier
11
5
× voltage multiplier
BS2 to BS0
−
bias system
000
VOP6 to VOP0
−
VLCD programming
0000000
BIT
BIT VALUE
DESCRIPTION
RESET STATE
8.1
Initialization
Immediately following power-on, all internal registers as
well as the RAM content are undefined. A RES pulse must
be applied.
Reset is accomplished by applying an external reset pulse
(active LOW) at pin RES. When reset occurs within the
specified time, all internal registers are reset however the
RAM is still undefined. The state after reset is described in
Section 8.2.
RES input must be
≤0.3VDD when VDD reaches VDD(min)
(or higher) within a maximal time tVHRL after VDD going
HIGH (see Fig.16).
8.2
Reset function
After reset the LCD driver has the following state:
• Power-down mode (PD = 1)
• Horizontal addressing (V = 0)
• Normal instruction set (H = 0)
• Display blank (E andD=0)
• Address counter X6 to X0 = 0, Y3 to Y0 =0
• Temperature control (TC1 and TC0 =0)
• Bias system (BS2 to BS0 =0)
• VLCD is equal to 0 V and the high-voltage generator is
switched off (VOP6 to VOP0 = 0 and PRS = 0)
• After power-on, RAM data are undefined, the reset
signal does not change the content of the RAM
• All LCD outputs at VSS (display off).
8.3
Function set
8.3.1
PD
When PD = 1 the chip is in Power-down mode:
• All LCD outputs at VSS (display off)
• Bias generator and VLCD generator off; VLCD can be
disconnected
• Oscillator off (external clock possible)
• Serial bus: command, function etc.
• RAM contents not cleared; RAM data can be written
• VLCD discharged to VSS in Power-down mode.
8.3.2
V
When V = 0, the horizontal addressing is selected. The
data is written into the DDRAM as shown in Fig.6.
When V = 1, the vertical addressing is selected. The data
is written into the DDRAM as shown in Fig.5.
8.3.3
H
When H = 0 the commands ‘display control’, ‘set
Y-address’, ‘set X-address’ and ‘set the PRS bit’ (LOW or
HIGH range of the high-voltage generator) can be
performed; when H = 1 the others can be executed. The
commands ‘write data’ and ‘function set’ can be executed
in both cases.
8.4
Display control
8.4.1
D AND E
The bits D and E select the display mode (see Table 2).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com