Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OM6206U/Z Datasheet(PDF) 17 Page - NXP Semiconductors

Part # OM6206U/Z
Description  65 X 102 pixels matrix LCD driver
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

OM6206U/Z Datasheet(HTML) 17 Page - NXP Semiconductors

Back Button OM6206U/Z Datasheet HTML 13Page - NXP Semiconductors OM6206U/Z Datasheet HTML 14Page - NXP Semiconductors OM6206U/Z Datasheet HTML 15Page - NXP Semiconductors OM6206U/Z Datasheet HTML 16Page - NXP Semiconductors OM6206U/Z Datasheet HTML 17Page - NXP Semiconductors OM6206U/Z Datasheet HTML 18Page - NXP Semiconductors OM6206U/Z Datasheet HTML 19Page - NXP Semiconductors OM6206U/Z Datasheet HTML 20Page - NXP Semiconductors OM6206U/Z Datasheet HTML 21Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 36 page
background image
2001 Nov 14
17
Philips Semiconductors
Product specification
65
× 102 pixels matrix LCD driver
OM6206
8.10
Set VOP value
The operation voltage VLCD can be set by software. The
generated voltage is dependent on the programmed
voltage at reference temperature (Tcut), the programmed
Temperature Coefficient (TC) and the operating
temperature (T).
The voltage at reference temperature can be calculated
as:
(2)
The voltage at operating temperature can be calculated
as:
(3)
The parameters are explained in Table 6.
The maximum voltage that can be generated is depending
on the VDD2 voltage and the display load current.
Two overlapping VLCD ranges are selectable via the
command ‘set HIGH or LOW program range VOP’.
For the LOW range (bit PRS = 0) component a = a1 and
for the HIGH range (bit PRS = 1) component a = a2. The
steps in both ranges are equal to b.
It should be noted that the charge pump is turned off if
bits VOP6 to VOP0 and bit PRS are all set to zero (see
Fig.14).
For multiplexer rate 1 : 65 the optimum operation voltage
of the liquid can be calculated as:
(4)
where Vth is the threshold voltage of the liquid crystal
material used.
V
LCD Tcut
()
ab
V
OP
×
+
=
V
LCD(T)
V
LCD(Tcut)
TT
cut
–
() TC
×
+
=
V
LCD
165
+
21
1
65
----------
–


×
---------------------------------------
V
th
×
6.85
V
th
×
=
=
Table 6
Typical values for parameters for the high-voltage generator programming
Table 7
Temperature coefficients
SYMBOL
VALUE
UNIT
a1
2.94 (PRS = 0)
V
a2
6.75 (PRS = 1)
V
b
0.03
V
Tcut
27
°C
NAME
BIT
VALUE
UNIT
TC1
TC0
TC0
0
0
−0.00 × 10−3 × VLCD(Tcut)
V/
°C
TC1
0
1
−0.76 × 10−3 × V
LCD(Tcut)
V/
°C
TC2
1
0
−1.05 × 10−3 × V
LCD(Tcut)
V/
°C
TC3
1
1
−2.10 × 10−3 × V
LCD(Tcut)
V/
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com