Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OM6206U/Z Datasheet(PDF) 33 Page - NXP Semiconductors

Part # OM6206U/Z
Description  65 X 102 pixels matrix LCD driver
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

OM6206U/Z Datasheet(HTML) 33 Page - NXP Semiconductors

Back Button OM6206U/Z Datasheet HTML 28Page - NXP Semiconductors OM6206U/Z Datasheet HTML 29Page - NXP Semiconductors OM6206U/Z Datasheet HTML 30Page - NXP Semiconductors OM6206U/Z Datasheet HTML 31Page - NXP Semiconductors OM6206U/Z Datasheet HTML 32Page - NXP Semiconductors OM6206U/Z Datasheet HTML 33Page - NXP Semiconductors OM6206U/Z Datasheet HTML 34Page - NXP Semiconductors OM6206U/Z Datasheet HTML 35Page - NXP Semiconductors OM6206U/Z Datasheet HTML 36Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 33 / 36 page
background image
2001 Nov 14
33
Philips Semiconductors
Product specification
65
× 102 pixels matrix LCD driver
OM6206
Table 10 Tray dimensions
DIMENSIONS
DESCRIPTION
VALUE
A
pocket pitch; in the x direction
13.77 mm
B
pocket pitch; in the y direction
4.45 mm
C
pocket width; in the x direction
11.04 mm
D
pocket width; in the y direction
2.24 mm
E
tray width; in the x direction
50.8 mm
F
tray width; in the y direction
50.8 mm
G
distance from cut corner to pocket centre
11.63 mm
H
distance from cut corner to pocket centre
5.41 mm
x
number of pockets in the x direction
3
y
number of pockets in the y direction
10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com