Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

86115D2 Datasheet(PDF) 32 Page - Keysight Technologies

Part # 86115D2
Description  Wide-Bandwidth Oscilloscope Mainframe and Modules
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEYSIGHT [Keysight Technologies]
Direct Link  http://www.keysight.com
Logo KEYSIGHT - Keysight Technologies

86115D2 Datasheet(HTML) 32 Page - Keysight Technologies

Back Button 86115D2 Datasheet HTML 28Page - Keysight Technologies 86115D2 Datasheet HTML 29Page - Keysight Technologies 86115D2 Datasheet HTML 30Page - Keysight Technologies 86115D2 Datasheet HTML 31Page - Keysight Technologies 86115D2 Datasheet HTML 32Page - Keysight Technologies 86115D2 Datasheet HTML 33Page - Keysight Technologies 86115D2 Datasheet HTML 34Page - Keysight Technologies 86115D2 Datasheet HTML 35Page - Keysight Technologies 86115D2 Datasheet HTML 36Page - Keysight Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 37 page
background image
32 | Keysight | Infiniium DCA-X 86100D Wide-Bandwidth Oscilloscope Mainframe and Modules - Data Sheet
86116C 1
40 to 65 GHz optical/80 GHz electrical sampling module,
1300 to 1620 nm
Select exactly one reference receiver option:
86116C-025
40 GHz optical/80 GHz electrical channels,
17.0/25.8/27.7 Gb/s reference receiver
86116C-041
65 GHz optical/80 GHz electrical channels,
39.81/41.25/43.02 Gb/s reference receiver
Dual/Quad electrical channel modules
86112A
Dual 20 GHz electrical channels
86112A-HBW
Dual 30 GHz electrical channels
86117A
Dual 50 GHz electrical channels
86118A
Dual 70 GHz electrical remote sampling channels
86118A-H01
Differential de-skew
N1045A 2
2/4 port 60 GHz electrical remote head
N1045A-02F
2 channel remote head, 1.85 mm, female
N1045A-02M
2 channel remote head, 1.85 mm, male
N1045A-04F
4 channel remote head, 1.85 mm, female
N1045A-04M
4 channel remote head, 1.85 mm, male
TDR/TDT modules
54754A 1, 5
Differential TDR module with dual 18 GHz TDR/electrical
channels
N1055A 1, 2
35/50 GHz, 2/4 port, TDR/TDT remote head
N1055A-FS1
Fast sampling, mandatory option
N1055A-32F
35 GHz, 2 channel remote head, 2.92 mm, female
N1055A-32M
35 GHz, 2 channel remote head, 2.92 mm, male
N1055A-34F
35 GHz, 4 channel remote head, 2.92 mm, female
N1055A-34M
35 GHz, 4 channel remote head, 2.92 mm, male
N1055A-52F
50 GHz, 2 channel remote head, 1.85 mm, female
N1055A-52M
50 GHz, 2 channel remote head, 1.85 mm, male
N1055A-54F
50 GHz, 4 channel remote head, 1.85 mm, female
N1055A-54M
50 GHz, 4 channel remote head, 1.85 mm, male
N1055A-FS1
Fast sampling
Precision timebase module
86107A
Precision timebase reference module
86107A-010
2.5 and 10 GHz clock input capability
86107A-020
10 and 20 GHz clock input capability
86107A-040
10, 20 and 40 GHz clock input capability
Clock recovery modules 1
The following modules provide a recovered clock from the data signal
for triggering at indicated data rates:
83496B
50 Mb/s to 7.1 Gb/s Clock recovery module. This module
is not compatible with the 86100A and 86100B DCA
mainframes. If you want to upgrade older DCAs, contact
Keysight Technologies and ask for current trade-in deals.
83496B-100
Single-ended and differential electrical with integrated
signal taps
83496B-101
Single mode (1260 to 1360 nm and 1490 to 1600 nm) and
multimode (830 to 860 nm and 1260 to 1360 nm) optical.
Integrated signal taps. Single-ended or differential
electrical inputs (no signal taps)
83496B-200
Increase operating range to 50 Mb/s to 14.2 Gb/s
83496BU-200 Data rate 0.05 to 14.2 Gb/s upgrade
83496B-201
Shift operating range to 7.1 to 14.2 Gb/s
83496BU-201 Shift operating range to 7.1 to 14.2 Gb/s upgrade
83496B-300
Add tunable loop bandwidth “golden PLL” capability
83496BU-300 Adjustable loop bandwidth upgrade
1. 86100D-ETR is recommended when;
a. More than 1 TDR module is connected to the same DUT.
b. Using a DCA module equipped with a rear-panel trigger circuit.
Examples include 54754A, 83496x, and 86108A/B modules. If
operating these modules in an 86100D with Option STR, an external
cable (such as P/N 5062-6690) must be connected from the module’s
front panel trigger/clock output to the 86100D’s trigger input.
2. Requires 86100D mainframe (not compatible with 86100A/B/C).
3. This module is not compatible with the 86100A and 86100B DCA
mainframes. If you want to upgrade older DCAs, contact Keysight
Technologies to discuss current trade-in deals.
4. Supports both DCA-X and DCA-M platforms. For detailed N1076A/
N1077A specifications, refer to the data sheet located at
www.keysight.com/find/N1077A. Standalone clock recovery instruments
are controlled via a USB connection to an 86100D DCA-X mainframe or a
user-supplied PC running N1010A FlexDCA software.
5. Included with each of these TDR modules is a TDR trigger cable, two 50 Ω
SMA terminations and one SMA short.
Ordering Information (Continued)
External clock recovery solutions 4
N1076A electrical clock recovery
N1076A-216
Clock recovery range: 50 MBd to 16 GBd
N1076A-232
Clock recovery range: 50 MBd to 16 GBd
N1076A-JSA
Jitter spectrum analysis
N1077A optical/electrical clock recovery
N1077A-216
Clock recovery range: 50 MBd to 16 GBd
N1077A-232
Clock recovery range: 50 MBd to 16 GBd
N1077A-SMS
Internal SM and MM splitters
N1077A-SXT
No splitter (supplied by user)
N1077A-JSA
Jitter spectrum analysis
Precision waveform analyzer module 1, 3
Dual electrical channel module with integrated clock recovery and
precision timebase.
86108A-100
Dual 32 GHz electrical channels, integrated clock
recovery (50 Mb/s to 14.2 Gb/s) with integrated
precision timebase
86108A-001
Two 3.5 mm phase trimmers for skew adjustment
86108A-002
Two precision 3.5 mm 18 inch cables
86108A-400
Auxiliary clock recovery Input
86108B options
86108B-LBW
Dual 35 GHz electrical channels
86108B-HBW
Dual 50 GHz electrical channels
86108B-216
Clock recovery 50 Mb/s to 16 Gb/s
86108B-232
Clock recovery 50 Mb/s to 32 Gb/s
86108B-300
Adjustable loop bandwidth/peaking
86108B-400
Auxiliary clock recovery input
86108B-PTB
Integrated precision timebase
86108B-JSA
Jitter spectrum analysis and software clock recovery
emulation
86108B-A23
Two adapters, 2.4 mm (f) to 3.5 mm (f)
86108B-CA2
Matched cable pair, 2.4 to 2.4 mm, 24 inch
86108B-CA3
Matched cable pair, 3.5 to 3.5 mm, 18 inch
86108B-DC2
Two DC blocks, 2.4 mm, 16 V, 50 kHz to 50 GHz
86108B-DC3
Two DC blocks, 3.5 mm, 16 V, 50 kHz to 26.5 GHz
86108B-PT2
Two 2.4 mm phase trimmers for ext. skew adjustment
Phase trimmers
Nominal impedance
Frequency range
Insertion loss (at f max)
Time delay
Connectors
86108B-PT3
Two 3.5 mm phase trimmers for ext. skew adjustment
Phase trimmers
Nominal impedance
Frequency range
Insertion loss (at f max)
Time delay
Connectors



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com