Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

86115D2 Datasheet(PDF) 11 Page - Keysight Technologies

Part # 86115D2
Description  Wide-Bandwidth Oscilloscope Mainframe and Modules
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEYSIGHT [Keysight Technologies]
Direct Link  http://www.keysight.com
Logo KEYSIGHT - Keysight Technologies

86115D2 Datasheet(HTML) 11 Page - Keysight Technologies

Back Button 86115D2 Datasheet HTML 7Page - Keysight Technologies 86115D2 Datasheet HTML 8Page - Keysight Technologies 86115D2 Datasheet HTML 9Page - Keysight Technologies 86115D2 Datasheet HTML 10Page - Keysight Technologies 86115D2 Datasheet HTML 11Page - Keysight Technologies 86115D2 Datasheet HTML 12Page - Keysight Technologies 86115D2 Datasheet HTML 13Page - Keysight Technologies 86115D2 Datasheet HTML 14Page - Keysight Technologies 86115D2 Datasheet HTML 15Page - Keysight Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 37 page
background image
11 | Keysight | Infiniium DCA-X 86100D Wide-Bandwidth Oscilloscope Mainframe and Modules - Data Sheet
54754A
0
2
●
●
18
86108A 3, 4
0
2
●
32
86108B 3, 4
LBW
0
2
●
35
HBW
0
2
●
50
86112A
0
2
●
20
HBW
0
2
●
30
86117A
0
2
50
86118A
0
2
70
N1045A 4
02F/02M
0
2
60
N1045A 4
04F/04M
0
4
60
N1055A 4
32F/32M
0
2
●
35
N1055A 4
34F/34M
0
4
●
35
N1055A 4
52F/52M
0
2
●
50
N1055A 4
54F/54M
0
4
●
50
1. Module has receptacle to supply power for external probe.
2. This module is not compatible with the 86100A and 86100B Digital Communication Analyzer (DCA)
mainframes. If you would like to upgrade older DCA’s contact Keysight Technologies and ask for
current trade-in deals.
3. The 86108A/B uses all module slots and includes internal clock recovery and precision timebase
capabilities.
4. Requires 86100D mainframe (not compatible with 86100A/B/C).
86100 family plug-in module matrix (Continued)
The 86100 has a family of plug-in modules designed for a
broad range of precision optical, electrical, and TDR/TDT
measurements. The 86100D can accommodate up to 4 modules
for a total of 16 measurement channels.
Modules Selection Table (Continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com