Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

86115D2 Datasheet(PDF) 8 Page - Keysight Technologies

Part # 86115D2
Description  Wide-Bandwidth Oscilloscope Mainframe and Modules
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEYSIGHT [Keysight Technologies]
Direct Link  http://www.keysight.com
Logo KEYSIGHT - Keysight Technologies

86115D2 Datasheet(HTML) 8 Page - Keysight Technologies

Back Button 86115D2 Datasheet HTML 4Page - Keysight Technologies 86115D2 Datasheet HTML 5Page - Keysight Technologies 86115D2 Datasheet HTML 6Page - Keysight Technologies 86115D2 Datasheet HTML 7Page - Keysight Technologies 86115D2 Datasheet HTML 8Page - Keysight Technologies 86115D2 Datasheet HTML 9Page - Keysight Technologies 86115D2 Datasheet HTML 10Page - Keysight Technologies 86115D2 Datasheet HTML 11Page - Keysight Technologies 86115D2 Datasheet HTML 12Page - Keysight Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 37 page
background image
08 | Keysight | Infiniium DCA-X 86100D Wide-Bandwidth Oscilloscope Mainframe and Modules - Data Sheet
Precision time base 86100D option PTB or 86107A
86107A Option 010
86107A Option 020
86107A Option 040
86100D-PTB
Trigger bandwidth
2.0 to 15.0 GHz
2.4 to 25.0 GHz
2.4 to 48.0 GHz
2.4 to 44 GHz
Typical jitter (RMS) using 86100D
mainframe 4
2.4 GHz: < 150 fs
2.4 GHz: < 150 fs
2.4 GHz: < 150 fs
2.4 to 4 GHz < 200 fs
10 GHz: < 100 fs
10, 20 GHz: < 100 fs
10, 20, 40 GHz: < 100 fs 4 to 9 GHz < 120 fs
9 to 44 GHz < 90 fs
Typical jitter (RMS) using 86100D
mainframe 5
2.4 GHz: < 280 fs
2.4 GHz: < 280 fs
2.4 GHz: < 280 fs
2.4 to 5 GHz < 400 fs
10 GHz: < 200 fs
10, 20 GHz: < 200 fs
10, 20, 40 GHz: < 200 fs 5 to 10 GHz < 300 fs
10 to 44 GHz < 200 fs
Time base linearity error
< 200 fs
Input signal type
Synchronous clock 1
Input signal level
0.5 to 1.0 Vpp
0.2 to 1.5 Vpp (typical functional performance)
DC offset range
± 200 mV 2
Required trigger signal-to-noise ratio
≥ 200: 1
Trigger impedance (nominal)
50 Ω
Connector type 3
3.5 mm (male)
3.5 mm (male)
2.92 mm 4
2.4 mm (male)
1. Filtering provided for Option 010 bands 2.4 to 4.0 GHz and 9.0 to 12.6 GHz, for Option 020 9.0 to 12.6 GHz and 18 to 25.0 GHz, for Option 40 9.0 to
12.6 GHz, 18.0 to 25.0 GHz, and 39.0 to 48.0 GHz. Within the filtered bands, a synchronous clock signal should be provided (Clock, sinusoid, BERT trigger,
etc.). Outside these bands, filtering is required to minimize harmonics and sub harmonics and provide a sinusoid to the 86107 input. (Not required for
86100D-PTB).
2. For the 86107A with Option 020, the Keysight 11742A (DC block) is recommended if the DC offset magnitude is greater than 200 mV.
3. Ships with female-female connector saver(s).
4. With 86107A module, or 86100D-PTB, and an 861xx, N1045 Option LOJ, or N1055A module (electrical channel).
5. With 86107A module, or 86100D-PTB, and 54xxx, 8348x, and N1045A plug-in modules.
6. If an 86107A module is used in an 86100D frame with Option PTB, the internal precision timebase is disabled.
Precision time base operation and integrated precision timebase
Measurement performance can be further enhanced by adding precision time base
capability to the 86100 mainframe. The precision time base reduces the intrinsic jitter
of the scope and is recommended when analyzing high-speed data signals. Precision
timebase capability is achieved using the 86107A precision timebase plug-in module or
integrating the precision timebase system within the 86100D mainframe (86100D Option
PTB). 86100D-PTB does not consume a mainframe plug-in slot. 6
Specifications (Continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com