Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

86115D2 Datasheet(PDF) 25 Page - Keysight Technologies

Part # 86115D2
Description  Wide-Bandwidth Oscilloscope Mainframe and Modules
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEYSIGHT [Keysight Technologies]
Direct Link  http://www.keysight.com
Logo KEYSIGHT - Keysight Technologies

86115D2 Datasheet(HTML) 25 Page - Keysight Technologies

Back Button 86115D2 Datasheet HTML 21Page - Keysight Technologies 86115D2 Datasheet HTML 22Page - Keysight Technologies 86115D2 Datasheet HTML 23Page - Keysight Technologies 86115D2 Datasheet HTML 24Page - Keysight Technologies 86115D2 Datasheet HTML 25Page - Keysight Technologies 86115D2 Datasheet HTML 26Page - Keysight Technologies 86115D2 Datasheet HTML 27Page - Keysight Technologies 86115D2 Datasheet HTML 28Page - Keysight Technologies 86115D2 Datasheet HTML 29Page - Keysight Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 37 page
background image
25 | Keysight | Infiniium DCA-X 86100D Wide-Bandwidth Oscilloscope Mainframe and Modules - Data Sheet
Low Cost Manufacturing Solutions
Get 86100 DCA accuracy with a test solution designed
specifically for manufacturing. The Keysight 86100 DCA family
is recognized as the industry standard for verifying optical
transmitter compliance to communications standards. For
years engineers have trusted the DCA for easy and accurate
measurement of their digital communications waveforms. The
new N1090A/B/C and N1092A/B/D build on that legacy by using
the high-performance elements of both the 86100 oscilloscope
mainframe acquisition system and the optical channels. Designed
specifically for high-volume manufacturing test applications, the
N109X provides the measurement accuracy of the 86100 but
without the extra cost associated with an R&D test solution. The
N109X is a complete measurement system in a compact low-cost
form factor. The N1090A is used for testing optical signals from 1
to 11 Gb/s. The N1092A/B/D are used for testing optical signals
from 20 to 28 Gb/s. Be confident that your test results will never
be questioned when performed with the N109X as end users of
your transceivers are likely to use similar accurate, high-quality
test systems to verify component performance. The N109X is
intended to operate as a standalone system, but can also be
operated as an extended 86100D module connected by USB to a
DCA-X mainframe.
Software Applications
86100D-200 enhanced jitter analysis
Option 200 provides extensive and accurate jitter decomposition,
which is increasingly important as data rates increase and
margins reduce. Quickly customize your view of many parameters
and take advantage of advanced features such as jitter spectrum
analysis.
86100D-201 advanced waveform analysis
Take advantage of powerful features in Option 201 to generate
much deeper waveform files, integrate MATLAB analysis, and use
the built-in linear feed-forward equalizer.
86100D-202enhancedimpedanceandS-parameter
Option 202 works in TDR mode and provides live S-parameter
responses, including magnitude (return loss, insertion loss, etc.),
phase and group delay. Single-ended, differential and mixed-
mode responses are available simultaneously. Also enables quick
and easy saving of measurement results in Touchstone files (.s2p,
.s4p, etc.).
86100D-300 amplitude analysis/RIN/Q-factor
Extend the many capabilities from jitter mode into the amplitude
domain and see the decomposition of the amplitude into several
factors. Option 300 also reports relative intensity noise (RIN) and
Q-factor.
86100D-400 PLL and jitter spectrum
Option 400 quickly characterizes key parameters of phase-locked
loops and provides the jitter spectrum of your signal including
spread spectrum clocks. Control of the jitter source and receiver
is integrated to ensure fast results.
86100D-401 advanced EYE analysis
For device testing with long patterns and to obtain BER-contour
mask testing, Option 401 integrates with the classic or FlexDCA
interfaces to decompose the jitter and amplitude interference
measurements into the key parameters. When using the
embedded capability within FlexDCA or the included automation
application, you may characterize jitter on simultaneous multiple
lanes and obtain concise and visual results.
86100D-9FP PAM-N analysis software
Accurately and quickly analyze Pulse Amplitude Modulation
(PAM) signals as described in IEEE 802.3bj Clause 94 and
developing standards such as OIF-CEI-56G and IEEE 400G.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com