Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

86115D2 Datasheet(PDF) 18 Page - Keysight Technologies

Part # 86115D2
Description  Wide-Bandwidth Oscilloscope Mainframe and Modules
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEYSIGHT [Keysight Technologies]
Direct Link  http://www.keysight.com
Logo KEYSIGHT - Keysight Technologies

86115D2 Datasheet(HTML) 18 Page - Keysight Technologies

Back Button 86115D2 Datasheet HTML 14Page - Keysight Technologies 86115D2 Datasheet HTML 15Page - Keysight Technologies 86115D2 Datasheet HTML 16Page - Keysight Technologies 86115D2 Datasheet HTML 17Page - Keysight Technologies 86115D2 Datasheet HTML 18Page - Keysight Technologies 86115D2 Datasheet HTML 19Page - Keysight Technologies 86115D2 Datasheet HTML 20Page - Keysight Technologies 86115D2 Datasheet HTML 21Page - Keysight Technologies 86115D2 Datasheet HTML 22Page - Keysight Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 37 page
background image
18 | Keysight | Infiniium DCA-X 86100D Wide-Bandwidth Oscilloscope Mainframe and Modules - Data Sheet
Single-mode and multimode optical/electrical
High bandwidth single-mode optical/electrical modules
86116C
Optical channel specifications (Continued)
Scale factor
Minimum
200 μW/division
Maximum
5 mW/division
CW1 accuracy
(single marker, reference to average power monitor)
± 150 µW ± 4% (reading-channel offset)
CW offset range (referenced two divisions from screen
button)
+8 to –12mW
Average power monitor (specified operating range)
–23 to +9 dBm
Factory calibrated accuracy
± 5% ± 100 nW ± connector uncertainty, 20 to 30 °C
User calibrated accuracy
± 2% ± 100 nW ± power meter uncertainty, < 5 °C change
Maximum input power
Maximum non-destruct average
10 mW (+10 dBm)
Maximum non-destruct peak
50 mW (+17 dBm)
Fiber input
9/125 μm, user-selectable connector
Input return loss (HMS-10 connector fully filled fiber)
20 dB
Electrical channel specifications
Electrical channel bandwidth
80 (93), 55 and 30 GHz
Transition time (10 to 90% calculated from Tr = 0.35/BW)
6.4 ps (55 GHz)
4.4 ps (80 GHz)
RMS noise
Characteristic
0.5 mV (30 GHz)
0.6 mV (55 GHz)
1.1 mV (80 GHz)
Maximum
0.8 mV (30 GHz)
1.1 mV (55 GHz)
2.2 mV (80 GHz)
Scale factor (per division)
Minimum
2 mV/division
Maximum
100 mV/division
DC accuracy (single marker)
± 0.4% of full scale
± 3 mV ± 2% of (reading-channel offset)
± 2% of offset (all bandwidths)
DC offset range (referenced to center of screen)
± 500 mV
Input dynamic range (relative to channel offset)
± 400 mV
Maximum input signal
± 2 V (+16 dBm)
Nominal impedance
50 Ω
Reflections (for 20 ps rise time)
10% (DC to 70 GHz)
20% (70 to 100 GHz)
Electrical input
1.85 mm (male)
1. CW refers to an unmodulated optical signal.
Modules Specifications (Continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com