Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

86115D2 Datasheet(PDF) 23 Page - Keysight Technologies

Part # 86115D2
Description  Wide-Bandwidth Oscilloscope Mainframe and Modules
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEYSIGHT [Keysight Technologies]
Direct Link  http://www.keysight.com
Logo KEYSIGHT - Keysight Technologies

86115D2 Datasheet(HTML) 23 Page - Keysight Technologies

Back Button 86115D2 Datasheet HTML 19Page - Keysight Technologies 86115D2 Datasheet HTML 20Page - Keysight Technologies 86115D2 Datasheet HTML 21Page - Keysight Technologies 86115D2 Datasheet HTML 22Page - Keysight Technologies 86115D2 Datasheet HTML 23Page - Keysight Technologies 86115D2 Datasheet HTML 24Page - Keysight Technologies 86115D2 Datasheet HTML 25Page - Keysight Technologies 86115D2 Datasheet HTML 26Page - Keysight Technologies 86115D2 Datasheet HTML 27Page - Keysight Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 37 page
background image
23 | Keysight | Infiniium DCA-X 86100D Wide-Bandwidth Oscilloscope Mainframe and Modules - Data Sheet
Clock recovery modules
83496B-100
83496B-101
Channel type
Differential or single-ended electrical
Single-mode or multimode optical, differential or single-ended
electrical (no internal electrical splitters)
Data rates (divide by 2 for clock signals)
Standard: 50 Mb/s to 7.1 Gb/s continuous tuning
Option 200: 50 Mb/s to 14.2 Gb/s continuous tuning
Option 201: 7.1 to 14.2 Gb/s continuous tuning
For rates above 14 Gb/s, the N1076A and N1077A operate from 50 Mb/s to 32 Gb/s
Minimum input level to acquire lock
(voltage or OMA 1)
150 m Vpp
Single-mode (OMA 1):
–11 dBm to 50 Mb/s to 11.4 Gb/s
–8 dBm to > 11.4 Gb/s
–12 dBm to 7.1 to 14.2 Gb/s (with Option 200)
–14 dBm to 1 to 7.1 Gb/s
–15 dBm to 50 Mb/s to 1 Gb/s
Multimode 1310 nm (OMA 1):
–10 dBm to 50 Mb/s to 11.4 Gb/s
–7 dBm to > 11.4 Gb/s
–11 dBm to 7.1 to 14.2 Gb/s (with Option 200)
–13 dBm to 1 to 7.1 Gb/s
–14 dBm to 50 Mb/s to 1 Gb/s
Multimode 850 nm (OMA 1):
–8 dBm to 50 Mb/s to 11.4 Gb/s
–7 dBm to > 11.4 Gb/s
–9 dBm to 7.1 to 14.2 Gb/s (with Option 200)
–11 dBm to 1 to 7.1 Gb/s
–12 dBm to 50 Mb/s to 1 Gb/s
Electrical: 150 m Vpp
Output random jitter (RMS) 2
Internal recovered clock trigger:
< 500 fs 7.2 to 11.4 Gb/s (300 fs to 10 Gb/s)
< 700 fs 4.2 to 7.2 Gb/s, 11.4 Gb/s to 14.2 Gb/s (400 fs to 4.25 Gb/s, 500 fs to 2.5 Gb/s)
< 3 mUI 50 Mb/s to 4.2 Gb/s (700 fs to 1.25 Gb/s)
Front panel recovered clock:
< 700 fs 7.2 to 11.4 Gb/s (300 fs to 10 Gb/s)
< 900 fs 4.2 to 7.2 Gb/s, 11.4 to 14.2 Gb/s (400 fs to 4.25 Gb/s, 500 fs to 2.5 Gb/s)
< 4 mUI 50 Mb/s to 4.2 Gb/s (700 fs to 1.25 Gb/s)
Clock recovery adjustable loop
bandwidth range (user selectable)
Standard: 270 kHz or 1.5 MHz 3
Option 300: 15 kHz to 10 MHz 4 continuous tuning (fixed value or a constant rate/N ratio)
Loop bandwidth accuracy
Standard: ± 30%
Option 300: ± 25% for transition density = 0.5 and data rate 155 Mb/s to 11.4 Gb/s
(± 30% for 0.25 ≤ transition density ≤ 1.0 and all data rates)
Tracking range
± 2500 ppm, 83496B
± 1000 ppm, 83496A
Aquisition range
± 5000 ppm
Internal splitter ratio
50/50
50/50 single-mode
30/70 multimode
Electrical signals have input only (no internal power dividers)
Input return loss
22 dB (DC to 12 GHz) electrical
20 dB single-mode, 16 dB multimode
16 dB (12 to 20 GHz) electrical
22 dB min (DC to 12 GHz) electrical
16 dB min (12 to 20 GHz) electrical
Input insertion loss
7.2 dB max (DC to 12 GHz) electrical
4 dB max single-mode optical
7.8 dB max (12 to 20 GHz) electrical
4 dB max multimode optical (no electrical data output signal path)
See footnotes on next page.
Modules Specifications (Continued)
Clock recovery
The DCA platform offers clock recovery capability in the form of DCA plug-in modules such as the 83496B or standalone clock
recovery solutions such as the N1076A/N1077A. Specifications for 83496B modules are summarized below. For more information on
standalone clock recovery solutions, please download the N1076A/N1077A data sheet from www.keysight.com/find/N1077A.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com