Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

86115D2 Datasheet(PDF) 19 Page - Keysight Technologies

Part # 86115D2
Description  Wide-Bandwidth Oscilloscope Mainframe and Modules
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEYSIGHT [Keysight Technologies]
Direct Link  http://www.keysight.com
Logo KEYSIGHT - Keysight Technologies

86115D2 Datasheet(HTML) 19 Page - Keysight Technologies

Back Button 86115D2 Datasheet HTML 15Page - Keysight Technologies 86115D2 Datasheet HTML 16Page - Keysight Technologies 86115D2 Datasheet HTML 17Page - Keysight Technologies 86115D2 Datasheet HTML 18Page - Keysight Technologies 86115D2 Datasheet HTML 19Page - Keysight Technologies 86115D2 Datasheet HTML 20Page - Keysight Technologies 86115D2 Datasheet HTML 21Page - Keysight Technologies 86115D2 Datasheet HTML 22Page - Keysight Technologies 86115D2 Datasheet HTML 23Page - Keysight Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 37 page
background image
19 | Keysight | Infiniium DCA-X 86100D Wide-Bandwidth Oscilloscope Mainframe and Modules - Data Sheet
Dual electrical
Dual electrical channel modules
86112A
54754A
Electrical channel bandwidth
12.4 and 20 GHz (30 GHz 1)
12.4 and 18 GHz
Transition time (10 to 90% calculated from
TR = 0.35/BW)
28.2 ps (12.4 GHz)
28.2 ps (12.4 GHz)
17.5 ps (20 GHz)
19.4 ps (18 GHz)
RMS noise
Characteristic
0.25 mV (12.4 GHz)
0.25 mV (12.4 GHz)
0.5 mV (20 GHz)
0.5 mV (18 GHz)
Maximum
0.5 mv (12.4 GHz)
0.5 mv (12.4 GHz)
1 mV (20 GHz)
1 mV (18 GHz)
Scale factor (per division)
Minimum
1 mV/division
Maximum
100 mV/division
DC accuracy (single marker)
± 0.4% of full scale
± 0.4% of full scale
± 2 mV ± 1.5% of (reading-channel offset)
± 2 mV ± 0.6% of (reading-channel offset)
(12.4 GHz) ± 0.4% of full scale
(12.4 GHz) ± 0.4% of full scale or marker reading
(whichever is greater)
± 2 mV ± 3% of (reading-channel offset) (20 GHz)
± 2 mV ± 1.2% of (reading-channel offset)
(18 GHz)
DC offset range (referenced from center of
screen)
± 500 mV
Input dynamic range (relative to channel offset)
± 400 mV
Maximum input signal
± 2 V (+16 dBm)
Nominal impedance
50 Ω
Reflections (for 30 ps rise time)
5%
Electrical input
3.5 mm (male)
Dual electrical channel modules
86117A
86118A
Electrical channel bandwidth
30 and 50 GHz
50 and 70 GHz
Transition time (10 to 90% calculated
from TR = 0.35/BW)
11.7 ps (30 GHz)
7 ps (50 GHz)
RMS noise
Characteristic
0.4 mV (30 GHz)
0.7 mV (50 GHz)
0.6 mV (50 GHz)
1.3 mV (70 GHz)
Maximum
0.7 mv (30 GHz)
1.8 mv (50 GHz)
1.0 mV (50 GHz)
2.5 mV (70 GHz)
Scale factor (per division)
Minimum
1 mV/division
Maximum
100 mV/division
DC accuracy (single marker)
± 0.4% of full scale
± 0.4% of full scale
± 2 mV ± 1.2% of (reading-channel offset),
(30 GHz)
± 2 mV ± 2% of (reading-channel offset), (50 GHz)
± 0.4% of full scale
± 0.4% of full scale
± 2 mV ± 2% of (reading-channel offset), (50 GHz)
± 2 mV ± 4% of (reading-channel offset), (70 GHz)
DC offset range (referenced from center of
screen)
± 500 mV
Input dynamic range (relative to channel offset)
± 400 mV
Maximum input signal
± 2 V (+16 dBm)
Nominal impedance
50 Ω
Reflections (for 30 ps rise time)
5%
20%
Electrical input
2.4 mm (male)
1.85 mm (male)
1. A special option, 86112-HBW, extends the bandwidth from 20 to 30 GHz. All other specifications remain unchanged.
Modules Specifications (Continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com