Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

86115D2 Datasheet(PDF) 33 Page - Keysight Technologies

Part # 86115D2
Description  Wide-Bandwidth Oscilloscope Mainframe and Modules
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEYSIGHT [Keysight Technologies]
Direct Link  http://www.keysight.com
Logo KEYSIGHT - Keysight Technologies

86115D2 Datasheet(HTML) 33 Page - Keysight Technologies

Back Button 86115D2 Datasheet HTML 29Page - Keysight Technologies 86115D2 Datasheet HTML 30Page - Keysight Technologies 86115D2 Datasheet HTML 31Page - Keysight Technologies 86115D2 Datasheet HTML 32Page - Keysight Technologies 86115D2 Datasheet HTML 33Page - Keysight Technologies 86115D2 Datasheet HTML 34Page - Keysight Technologies 86115D2 Datasheet HTML 35Page - Keysight Technologies 86115D2 Datasheet HTML 36Page - Keysight Technologies 86115D2 Datasheet HTML 37Page - Keysight Technologies  
Zoom Inzoom in Zoom Outzoom out
 33 / 37 page
background image
33 | Keysight | Infiniium DCA-X 86100D Wide-Bandwidth Oscilloscope Mainframe and Modules - Data Sheet
Warranty options (for all products)
R1280A
Customer return repair service
R1282A
Customer return calibration service
Accessories
N1000-40008 Front cover
86101-60017 Filler panel (1/4 of module bay)
0960-2929
USB keyboard (included with 86100D)
1150-7913
USB mouse (included with 86100D)
9300-1308
ESD heel strap
9300-1367
ESD wrist strap
9300-1484
ESD desk mat
9300-0980
ESD wrist strap ground cord
Optical connector adapters
Note: Optical modules come standard with one FC/PC connector
adapter
81000FI
FC/PC connector interface
81000SI
DIN connector interface
81000HI
E2000 connector interface
81000LI
LC connector interface
81000MI
MU connector interface
81000VI
ST connector interface
81000KI
SC connector interface
N9355CK01
DC coupled limiter for overload and ESD protection
(3.5 mm only)
RF/Microwave accessories 1
11636B
Power divider, DC to 26.5 GHz, APC 3.5 mm
N4910A
2.4 mm male-to-male matched coaxial cable pair, 61 cm
N4871A
3.5 mm male-to-male matched coaxial cable pair, 91 cm
11636C
Power divider, DC to 50 GHz, 2.4 mm
11742A
45 MHz to 26.5 GHz DC blocking capacitor
N9398G
1.85 mm male-to-female DC block 16 V 700 kHz to 67 GHz
N9398F
2.4 mm male-to-female DC block 16 V 50 kHz to 50 GHz
N9398C
3.5 mm male-to-female DC block 16 V 50 kHz to 26.5 GHz
11742A-K01
50 GHz DC blocking capacitor
8493C-003
3.5 mm 3 dB attenuator
8493C-006
3.5 mm 6 dB attenuator
8493C-010
3.5 mm 10 dB attenuator
8493C-020
3.5 mm 20 dB attenuator
8490D-003
2.4 mm 3 dB attenuator
8490D-006
2.4 mm 6 dB attenuator
8490D-010
2.4 mm 10 dB attenuator
8490D-020
2.4 mm 20 dB attenuator
11900A
2.4 mm male to 2.4 mm male adapter/connector saver
11900B
2.4 mm female to 2.4 mm female adapter/connector saver
11900C
2.4 mm female to 2.4 mm male connector saver
11901A
2.4 mm male to 3.5 mm male adapter
11901B
2.4 mm (f) to 3.5 mm (f) adapter
11901C
2.4 mm (m) to 3.5 mm (f) adapter
11901D
2.4 mm (f) to 3.5 mm (m) adapter
5061-5311
3.5 mm (f-f) connector saver (e.g., for 86100C/D trigger
input)
85130-60010 2.4 mm female to 3.5 mm male NMD bulkhead adapter
1250-1158
SMA (f-f) adapter
83059A
3.5 mm male to 3.5 mm male adapter/connector saver
83059B
3.5 mm female to 3.5 mm female adapter/connector saver
83059C
3.5 mm female to 3.5 mm male connector saver
909D-011
3.5 mm female 50 Ω load
909D-301
3.5 mm male 50 Ω load
85138A
2.4 mm male 50 Ω load
1. 2.4 mm connectors are mechanically compatible with 1.85 mm.
2.92 mm connectors are mechanically compatible with 3.5 mm and SMA
connectors.
Ordering Information (Continued)
RF/Microwave accessories 1 (Continued)
85138B
2.4 mm female 50 Ω load
85140A
2.4 mm male short
85140B
2.4 mm female short
TDR/TDT accessories
See N1055A data sheet
Infiniimax I active probes (1.5 to 7 GHz)
Note: The N1022B probe adapter is required to use these probes with
the 86100 DCA
Infiniimax I probe amplifiers
Note: Order one or more Infiniimax I probe head or connectivity kit for
each amplifier
1130A
1.5 GHz probe amp
1131A
3.5 GHz probe amp
1132A
5 GHz probe amp
1134A
7 GHz probe amp
Infiniimax I probe heads
E2675A
InfiniiMax differential browser probe head and accessories.
Includes 20 replaceable tips and ergonomic handle. Order
E2658A for replacement accessories.
E2676A
InfiniiMax single-ended browser probe head and
accessories. Includes two ground collar assemblies,
10 replaceable tips, a ground lead socket and ergonomic
browser handle. Order E2663A for replacement
accessories.
E2677A
InfiniiMax differential solder-in probe head and
accessories. Includes 20 full bandwidth and 10 medium
bandwidth damping resistors. Order E2670A for
replacement accessories.
E2678A
InfiniiMax single-ended/differential socketed probe head
and accessories. Includes 48 full bandwidth damping
resistors, six damped wire accessories, four square
pin sockets and socket heatshrink. Order E2671A for
replacement accessories.
E2679A
InfiniiMax single-ended solder-in probe head and
accessories. Includes 16 full bandwidth and eight medium
bandwidth damping resistors and 24 zero ohm ground
resistors. Order E2672A for replacement accessories.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com