Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

86115D2 Datasheet(PDF) 20 Page - Keysight Technologies

Part # 86115D2
Description  Wide-Bandwidth Oscilloscope Mainframe and Modules
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEYSIGHT [Keysight Technologies]
Direct Link  http://www.keysight.com
Logo KEYSIGHT - Keysight Technologies

86115D2 Datasheet(HTML) 20 Page - Keysight Technologies

Back Button 86115D2 Datasheet HTML 16Page - Keysight Technologies 86115D2 Datasheet HTML 17Page - Keysight Technologies 86115D2 Datasheet HTML 18Page - Keysight Technologies 86115D2 Datasheet HTML 19Page - Keysight Technologies 86115D2 Datasheet HTML 20Page - Keysight Technologies 86115D2 Datasheet HTML 21Page - Keysight Technologies 86115D2 Datasheet HTML 22Page - Keysight Technologies 86115D2 Datasheet HTML 23Page - Keysight Technologies 86115D2 Datasheet HTML 24Page - Keysight Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 37 page
background image
20 | Keysight | Infiniium DCA-X 86100D Wide-Bandwidth Oscilloscope Mainframe and Modules - Data Sheet
Dual electrical (Continued)
Dual electrical channel modules
86108A
86108B-LBW
86108B-HBW
Bandwidth (low/high BW setting)
16 and > 32 GHz, (35 GHz)
20 and 35 GHz
35 and 50 GHz
Transition time (10 to 90% calculated
from Tr = 0.35/BW)
10 ps
10 ps
7ps
RMS noise
Characteristic (low/high BW setting)
240 µV/420 µV
300 μV/500 μV
600 μV/750 μV
Maximum (low/high BW setting)
350 µV/700 µV
350 μV/700 μV
800 μV/980 μV
Scale factor (per division)
Minimum
2 mV/division
1 mV/division
1 mV/division
Maximum
100 mV/division
140 mV/division
140 mV/division
DC accuracy (single marker)
Low BW setting
± 0.7% of full scale, ± 2 mV ± 1.5% of (reading-channel offset) (16 GHz)
High BW setting
± 0.7% of full scale, ± 2 mV ± 3% of (reading-channel offset) (32 GHz)
CW offset range (referenced from center of screen)
± 500 mV
± 700 mV
± 700 mV
Input dynamic range (relative to channel offset)
± 400 mV
± 560 mV
± 560 mV
Maximum input signal
± 2 V (+16 dBm)
± 2.5 V (+18 dBm)
± 2.5 V (+18 dBm)
Nominal impedance
50 Ω
50 Ω
50 Ω
Reflections (for 30 ps rise time)
5%
5%
5%
Electrical input
3.5 mm
3.5 mm
2.4 mm
CH1 to CH2 skew
< 12 ps
< 10 ps
< 10 ps
Modules Specifications (Continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com