Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

86115D2 Datasheet(PDF) 10 Page - Keysight Technologies

Part # 86115D2
Description  Wide-Bandwidth Oscilloscope Mainframe and Modules
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEYSIGHT [Keysight Technologies]
Direct Link  http://www.keysight.com
Logo KEYSIGHT - Keysight Technologies

86115D2 Datasheet(HTML) 10 Page - Keysight Technologies

Back Button 86115D2 Datasheet HTML 6Page - Keysight Technologies 86115D2 Datasheet HTML 7Page - Keysight Technologies 86115D2 Datasheet HTML 8Page - Keysight Technologies 86115D2 Datasheet HTML 9Page - Keysight Technologies 86115D2 Datasheet HTML 10Page - Keysight Technologies 86115D2 Datasheet HTML 11Page - Keysight Technologies 86115D2 Datasheet HTML 12Page - Keysight Technologies 86115D2 Datasheet HTML 13Page - Keysight Technologies 86115D2 Datasheet HTML 14Page - Keysight Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 37 page
background image
10 | Keysight | Infiniium DCA-X 86100D Wide-Bandwidth Oscilloscope Mainframe and Modules - Data Sheet
1.
Module has receptacle to supply power for external probe.
2.
Pick any four rates (155 Mb/s to 6.25 Gb/s).
3.
This module is not compatible with the 86100A and 86100B Digital Communication Analyzer (DCA) mainframes. If you would like to upgrade older DCA’s
contact Keysight Technologies and ask for current trade-in deals.
4.
The 86108A/B uses all module slots and includes an internal clock recovery and precision timebase capabilities.
5.
4 optical input ports are switched internally to two optical-to-electrical (O/E) converters.
6.
All modules with optical channels can use Option IRC to enhance the effective operating range. Reference receivers can be created at any rate within
± 50% of the hardware capability. IRC also corrects non-ideal (but compliant) hardware performance to yield ideal reference receiver responses.
7.
With Option IRC. Requires FlexDCA using Pattern Lock, 86100D mainframe with Option ETR, and signals <= PRBS16-1. For more details, see application
note “Techniques for Higher Accuracy Optical Measurements” (Keysight literature number 5990-8812EN).
8.
Requires 86100D mainframe (not compatible with 86100A/B/C).
9.
Generally represents the power level where an ideal eye diagram will approach 0% mask margin due to noise of the oscilloscope. Provides a non-specified
figure of merit to compare sensitivities of various optical channels.
10. A 15 Gb/s filter is provided with Option 281 and 282 that closely approximates the response required for 16X Fibre Channel compliance testing. Contact
Keysight for a special option that verifies compliance of the 86105D-281 and 86115D-282 to the 16X Fibre Channel reference receiver specification.
86105C 6
100 2 1
1
750 to 1650
8.5 20
62.5
–20
●
●
●
●
●
●
●
●
●
●
●
●
°
7
°
7
°
7
°
7
°
7
°
7
°
7
°
7
200
1
1
750 to 1650
8.5 20
62.5
–16
°
7
°
7
●
●
●
●
●
●
●
●
°
7
300 2 1
1
750 to 1650
8.5 20
62.5
–16
●
●
●
●
●
●
●
●
●
●
●
●
●
●
●
●
●
●
●
°
7
86105D 3, 6
1
1
750 to 1650
20
35
62.5
–12
°
7
°
7
●
●
●
●
●
●
●
●
●
°
7
°
7
°
7
100
1
1
750 to 1650
20
35
62.5
–12
°
7
°
7
●
●
●
●
●
●
●
●
°
7
°
7
°
7
°
7
200
1
1
750 to 1650
20
35
62.5
–12
°
7
°
7
°
7
°
7
°
7
°
7
°
7
°
7
°
7
°
7
●
°
7
°
7
°
7
86105D
281
1
1
750 to 1650
34
50
62.5
–7
°
7
°
7
°
7
°
7
°
7
°
7
°
7
°
7
●
10
●
●
●
°
7
°
7
°
7
86115D 3, 6
002
2
0
750 to 1650
20
62.5
–12
°
7
°
7
●
●
●
●
●
●
●
●
●
°
7
°
7
°
7
102
2
0
750 to 1650
20
62.5
–12
°
7
°
7
●
●
●
●
●
●
●
●
°
7
°
7
°
7
°
7
142
2
0
750 to 1650
20
62.5
–12
°
7
°
7
°
7
°
7
°
7
°
7
°
7
°
7
°
7
°
7
●
°
7
°
7
°
7
004 5 4
0
750 to 1650
20
62.5
–11
°
7
°
7
●
●
●
●
●
●
●
●
●
°
7
°
7
°
7
104
4
0
750 to 1650
20
62.5
–11
°
7
°
7
●
●
●
●
●
●
●
●
°
7
°
7
°
7
°
7
144
4
0
750 to 1650
20
62.5
–11
°
7
°
7
°
7
°
7
°
7
°
7
°
7
°
7
°
7
°
7
●
°
7
°
7
°
7
86115D
282
2
0
750 to 1650
34
50
62.5
–7
°
7
°
7
°
7
°
7
°
7
°
7
°
7
°
7
●
10
●
●
●
°
7
°
7
°
7
86116C 3, 6
025
1
1
1300 to 1620 45
80
9
–10
°
7
°
7
°
7
°
7
°
7
°
7
°
7
°
7
°
7
●
●
°
7
°
7
°
7
°
7
86116C 3, 6
041
1
1
1300 to 1620 65
80
9
–5
°
7
°
7
°
7
●
●
●
Filtered data rates
86100 family plug-in module matrix
The 86100 has a family of plug-in modules designed for a
broad range of precision optical, electrical, and TDR/TDT
measurements. The 86100D can accommodate up to 4 modules
for a total of 16 measurement channels.
Modules Selection Table



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com