Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MK-R Datasheet(PDF) 22 Page - Cree, Inc

Part # MK-R
Description  Available in ANSI white bins as well as 4-step and 2-step EasyWhite bins at 2700 K
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

MK-R Datasheet(HTML) 22 Page - Cree, Inc

Back Button MK-R Datasheet HTML 18Page - Cree, Inc MK-R Datasheet HTML 19Page - Cree, Inc MK-R Datasheet HTML 20Page - Cree, Inc MK-R Datasheet HTML 21Page - Cree, Inc MK-R Datasheet HTML 22Page - Cree, Inc MK-R Datasheet HTML 23Page - Cree, Inc MK-R Datasheet HTML 24Page - Cree, Inc MK-R Datasheet HTML 25Page - Cree, Inc MK-R Datasheet HTML 26Page - Cree, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 33 page
background image
Copyright © 2012-2016 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree®, XLamp®, EasyWhite® and SC3 Technology® are registered trademarks and
the Cree logo is a trademark of Cree, Inc. UL® and the UR logo are registered trademarks of UL LLC.
22
XLamp® mK-R LEDs
perFOrmanCe GrOups - ChrOmatiCity (t
J = 85 °C) - COntinued
Ansi White bins
Code
CCt
bin
Code
x
y
bin
Code
x
y
bin
Code
x
y
bin
Code
x
y
051
6200 K
0A0
0.2920
0.3060
0R0
0.2950
0.2970
1A0
0.3048
0.3207
1R0
0.3068
0.3113
0.2984
0.3133
0.3009
0.3042
0.3130
0.3290
0.3144
0.3186
0.3009
0.3042
0.3037
0.2937
0.3144
0.3186
0.3161
0.3059
0.2950
0.2970
0.2980
0.2880
0.3068
0.3113
0.3093
0.2993
0B0
0.2895
0.3135
0S0
0.2870
0.3210
1B0
0.3028
0.3304
1S0
0.3005
0.3415
0.2962
0.3220
0.2937
0.3312
0.3115
0.3391
0.3099
0.3509
0.2984
0.3133
0.2962
0.3220
0.3130
0.3290
0.3115
0.3391
0.2920
0.3060
0.2895
0.3135
0.3048
0.3207
0.3028
0.3304
0C0
0.2962
0.3220
0T0
0.2937
0.3312
1C0
0.3115
0.3391
1T0
0.3099
0.3509
0.3028
0.3304
0.3005
0.3415
0.3205
0.3481
0.3196
0.3602
0.3048
0.3207
0.3028
0.3304
0.3213
0.3373
0.3205
0.3481
0.2984
0.3133
0.2962
0.3220
0.3130
0.3290
0.3115
0.3391
0D0
0.2984
0.3133
0U0
0.3009
0.3042
1D0
0.3130
0.3290
1U0
0.3144
0.3186
0.3048
0.3207
0.3068
0.3113
0.3213
0.3373
0.3221
0.3261
0.3068
0.3113
0.3093
0.2993
0.3221
0.3261
0.3231
0.3120
0.3009
0.3042
0.3037
0.2937
0.3144
0.3186
0.3161
0.3059
Ansi White bins
Code
CCt
bin
Code
x
y
bin
Code
x
y
bin
Code
x
y
051
6200 K
2A0
0.3215
0.3350
2R0
0.3222
0.3243
3A0
.3371
.3490
0.3290
0.3417
0.3290
0.3300
.3451
.3554
0.3290
0.3300
0.3290
0.3180
.3440
.3427
0.3222
0.3243
0.3231
0.3120
.3366
.3369
2B0
0.3207
0.3462
2S0
0.3196
0.3602
3B0
.3376
.3616
0.3290
0.3538
0.3290
0.3690
.3463
.3687
0.3290
0.3417
0.3290
0.3538
.3451
.3554
0.3215
0.3350
0.3207
0.3462
.3371
.3490
2C0
0.3290
0.3538
2T0
0.3290
0.3690
3C0
.3463
.3687
0.3376
0.3616
0.3381
0.3762
.3551
.3760
0.3371
0.3490
0.3376
0.3616
.3533
.3620
0.3290
0.3417
0.3290
0.3538
.3451
.3554
2D0
0.3290
0.3417
2U0
0.3290
0.3300
3D0
.3451
.3554
0.3371
0.3490
0.3366
0.3369
.3533
.3620
0.3366
0.3369
0.3361
0.3245
.3515
.3487
0.3290
0.3300
0.3290
0.3180
.3440
.3427



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com