Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MK-R Datasheet(PDF) 9 Page - Cree, Inc

Part # MK-R
Description  Available in ANSI white bins as well as 4-step and 2-step EasyWhite bins at 2700 K
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

MK-R Datasheet(HTML) 9 Page - Cree, Inc

Back Button MK-R Datasheet HTML 5Page - Cree, Inc MK-R Datasheet HTML 6Page - Cree, Inc MK-R Datasheet HTML 7Page - Cree, Inc MK-R Datasheet HTML 8Page - Cree, Inc MK-R Datasheet HTML 9Page - Cree, Inc MK-R Datasheet HTML 10Page - Cree, Inc MK-R Datasheet HTML 11Page - Cree, Inc MK-R Datasheet HTML 12Page - Cree, Inc MK-R Datasheet HTML 13Page - Cree, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 33 page
background image
Copyright © 2012-2016 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree®, XLamp®, EasyWhite® and SC3 Technology® are registered trademarks and
the Cree logo is a trademark of Cree, Inc. UL® and the UR logo are registered trademarks of UL LLC.
9
XLamp® mK-R LEDs
Notes:
• Creemaintainsatoleranceof±7%onfluxandpowermeasurements,±0.005onchromaticity(CCx,CCy)measurementsand±2onCRI
measurements.SeetheMeasurementssection(page29).
• Minimum CRI for 80-CRI White is 80.
* Fluxvalues@25 °Carecalculatedandforreferenceonly.
** CreeXLampMK-RLEDordercodesspecifyonlyaminimumfluxbinandnotamaximum.Creemayshipreelsinfluxbinshigher
thantheminimumspecifiedbytheordercodewithoutadvancenotice.Shipmentswillalwaysadheretothechromaticityrestrictions
specifiedbytheordercode.
FLuX ChARACtERistiCs, EAsyWhitE® Order COdes and Bins -12 V (i
F = 700 mA, tJ = 85 °C)
The following tables provide order codes for XLamp MK-R LeDs. For a complete description of the order code nomenclature, please
referenceBinandOrderCodeFormats(page27).
Color
CCt
Range
Minimum Luminous Flux**
2-step
4-step
Group
Flux
(lm) @
85 °C
Flux
(lm) @
25 °C*
Chromaticity
Region
order Code
Chromaticity
Region
order Code
80-CRI
easyWhite
5000K
H4
970
1091
50H
MKRAWT-00-0000-0D0HH450H
50F
MKRAWT-00-0000-0D0HH450F
H2
900
1012
MKRAWT-00-0000-0D0HH250H
MKRAWT-00-0000-0D0HH250F
G4
840
945
MKRAWT-00-0000-0D0HG450H
MKRAWT-00-0000-0D0HG450F
4500K
H4
970
1091
45H
MKRAWT-00-0000-0D0HH445H
45F
MKRAWT-00-0000-0D0HH445F
H2
900
1012
MKRAWT-00-0000-0D0HH245H
MKRAWT-00-0000-0D0HH245F
G4
840
945
MKRAWT-00-0000-0D0HG445H
MKRAWT-00-0000-0D0HG445F
4000 K
H4
970
1091
40H
MKRAWT-00-0000-0D0HH440H
40F
MKRAWT-00-0000-0D0HH440F
H2
900
1012
MKRAWT-00-0000-0D0HH240H
MKRAWT-00-0000-0D0HH240F
G4
840
945
MKRAWT-00-0000-0D0HG440H
MKRAWT-00-0000-0D0HG440F
3500K
H4
970
1091
35H
MKRAWT-00-0000-0D0HH435H
35F
MKRAWT-00-0000-0D0HH435F
H2
900
1012
MKRAWT-00-0000-0D0HH235H
MKRAWT-00-0000-0D0HH235F
G4
840
945
MKRAWT-00-0000-0D0HG435H
MKRAWT-00-0000-0D0HG435F
G2
780
877
MKRAWT-00-0000-0D0HG235H
MKRAWT-00-0000-0D0HG235F
3000K
H2
900
1012
30H
MKRAWT-00-0000-0D0HH230H
30F
MKRAWT-00-0000-0D0HH230F
G4
840
945
MKRAWT-00-0000-0D0HG430H
MKRAWT-00-0000-0D0HG430F
G2
780
877
MKRAWT-00-0000-0D0HG230H
MKRAWT-00-0000-0D0HG230F
2700 K
H2
900
1012
27H
MKRAWT-00-0000-0D0HH227H
27F
MKRAWT-00-0000-0D0HH227F
G4
840
945
MKRAWT-00-0000-0D0HG427H
MKRAWT-00-0000-0D0HG427F
G2
780
877
MKRAWT-00-0000-0D0HG227H
MKRAWT-00-0000-0D0HG227F
F4
730
821
MKRAWT-00-0000-0D0HF427H
MKRAWT-00-0000-0D0HF427F



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com