Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MK-R Datasheet(PDF) 6 Page - Cree, Inc

Part # MK-R
Description  Available in ANSI white bins as well as 4-step and 2-step EasyWhite bins at 2700 K
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

MK-R Datasheet(HTML) 6 Page - Cree, Inc

Back Button MK-R Datasheet HTML 2Page - Cree, Inc MK-R Datasheet HTML 3Page - Cree, Inc MK-R Datasheet HTML 4Page - Cree, Inc MK-R Datasheet HTML 5Page - Cree, Inc MK-R Datasheet HTML 6Page - Cree, Inc MK-R Datasheet HTML 7Page - Cree, Inc MK-R Datasheet HTML 8Page - Cree, Inc MK-R Datasheet HTML 9Page - Cree, Inc MK-R Datasheet HTML 10Page - Cree, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 33 page
background image
Copyright © 2012-2016 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree®, XLamp®, EasyWhite® and SC3 Technology® are registered trademarks and
the Cree logo is a trademark of Cree, Inc. UL® and the UR logo are registered trademarks of UL LLC.
6
XLamp® mK-R LEDs
Notes:
• Creemaintainsatoleranceof±7%onfluxandpowermeasurements,±0.005onchromaticity(CCx,CCy)measurementsand±2onCRI
measurements.SeetheMeasurementssection(page29).
• For information on chromaticity bins contained in the kits listed above, please reference the Performance Groups - Chromaticity
sectionstartingonpage21.
* Fluxvalues@25 °Carecalculatedandforreferenceonly.
** CreeXLampMK-RLEDordercodesspecifyonlyaminimumfluxbinandnotamaximum.Creemayshipreelsinfluxbinshigher
thantheminimumspecifiedbytheordercodewithoutadvancenotice.Shipmentswillalwaysadheretothechromaticityrestrictions
specifiedbytheordercode.
Flux CharaCteristiCs, ansi White Order COdes and Bins - 6 V (i
F = 1400 mA, tJ = 85 °C)
Chromaticity
Minimum Luminous
Flux**
order Codes
Kit
CCt
Code
Flux
(lm) @
85 °C
Flux
(lm) @
25 °C*
65 CRi typical
70 CRi Minimum
80 CRi Minimum
90 CRi Minimum
51
6200 K
J4
1120
1260
MKRAWT-00-0000-
0B00J4051
MKRAWT-00-0000-
0B0BJ4051
J2
1040
1170
MKRAWT-00-0000-
0B00J2051
MKRAWT-00-0000-
0B0BJ2051
H4
970
1091
MKRAWT-00-0000-
0B00H4051
MKRAWT-00-0000-
0B0BH4051
H2
900
1012
MKRAWT-00-0000-
0B0BH2051
E1
6500K
J4
1120
1260
MKRAWT-00-0000-
0B00J40E1
J2
1040
1170
MKRAWT-00-0000-
0B00J20E1
MKRAWT-00-0000-
0B0BJ20E1
H4
970
1091
MKRAWT-00-0000-
0B00H40E1
MKRAWT-00-0000-
0B0BH40E1
H2
900
1012
MKRAWT-00-0000-
0B0BH20E1
e2
5700K
J4
1120
1260
MKRAWT-00-0000-
0B00J40E2
MKRAWT-00-0000-
0B0BJ40E2
J2
1040
1170
MKRAWT-00-0000-
0B00J20E2
MKRAWT-00-0000-
0B0BJ20E2
H4
970
1091
MKRAWT-00-0000-
0B00H40E2
MKRAWT-00-0000-
0B0BH40E2
H2
900
1012
MKRAWT-00-0000-
0B0BH20E2
E3
5000K
J2
1040
1170
MKRAWT-00-0000-
0B00J20E3
MKRAWT-00-0000-
0B0BJ20E3
H4
970
1091
MKRAWT-00-0000-
0B00H40E3
MKRAWT-00-0000-
0B0BH40E3
MKRAWT-00-0000-
0B0HH40E3
H2
900
1012
MKRAWT-00-0000-
0B00H20E3
MKRAWT-00-0000-
0B0BH20E3
MKRAWT-00-0000-
0B0HH20E3
G4
840
945
MKRAWT-00-0000-
0B0HG40E3
e4
4500K
J2
1040
1170
MKRAWT-00-0000-
0B00J20E4
MKRAWT-00-0000-
0B0BJ20E4
H4
970
1091
MKRAWT-00-0000-
0B00H40E4
MKRAWT-00-0000-
0B0BH40E4
MKRAWT-00-0000-
0B0HH40E4
H2
900
1012
MKRAWT-00-0000-
0B00H20E4
MKRAWT-00-0000-
0B0BH20E4
MKRAWT-00-0000-
0B0HH20E4
G4
840
945
MKRAWT-00-0000-
0B0HG40E4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com