Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MK-R Datasheet(PDF) 28 Page - Cree, Inc

Part # MK-R
Description  Available in ANSI white bins as well as 4-step and 2-step EasyWhite bins at 2700 K
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

MK-R Datasheet(HTML) 28 Page - Cree, Inc

Back Button MK-R Datasheet HTML 24Page - Cree, Inc MK-R Datasheet HTML 25Page - Cree, Inc MK-R Datasheet HTML 26Page - Cree, Inc MK-R Datasheet HTML 27Page - Cree, Inc MK-R Datasheet HTML 28Page - Cree, Inc MK-R Datasheet HTML 29Page - Cree, Inc MK-R Datasheet HTML 30Page - Cree, Inc MK-R Datasheet HTML 31Page - Cree, Inc MK-R Datasheet HTML 32Page - Cree, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 33 page
background image
Copyright © 2012-2016 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree®, XLamp®, EasyWhite® and SC3 Technology® are registered trademarks and
the Cree logo is a trademark of Cree, Inc. UL® and the UR logo are registered trademarks of UL LLC.
28
XLamp® mK-R LEDs
REFLoW soLDERinG ChARACtERistiCs
Intesting,CreehasfoundXLampMK-RLEDstobecompatiblewithJEDECJ-STD-020C,usingtheparameterslistedbelow.Asageneral
guideline,Creerecommendsthatusersfollowtherecommendedsolderingprofileprovidedbythemanufacturerofthesolderpasteused.
NotethatthisgeneralguidelinemaynotapplytoallPCBdesignsandconfigurationsofreflowsolderingequipment.
Profile Feature
Lead-Free solder
Average Ramp-Up Rate (Ts
maxtoTp)
1.2 °C/second
Preheat: Temperature Min (Ts
min)
120°C
Preheat: Temperature Max (Ts
max)
170°C
Preheat: Time (ts
min to tsmax)
65-150seconds
TimeMaintainedAbove:Temperature(TL)
217°C
TimeMaintainedAbove:Time(tL)
45-90seconds
Peak/ClassificationTemperature(Tp)
235-245°C
TimeWithin5 °CofActualPeakTemperature(tp)
20-40 seconds
Ramp-Down Rate
1-6°C/second
Time25 °CtoPeakTemperature
4 minutes max.
Note: All temperatures refer to the topside of the package, measured on the package body surface.
IPC/JEDECJ-STD-020C
T
P
T
L
Time
t 25˚C to Peak
Preheat
ts
t
S
t
P
25
Ramp-down
Ramp-up
Critical Zone
T
L to TP
Ts
max
Ts
min



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com