Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MK-R Datasheet(PDF) 23 Page - Cree, Inc

Part # MK-R
Description  Available in ANSI white bins as well as 4-step and 2-step EasyWhite bins at 2700 K
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

MK-R Datasheet(HTML) 23 Page - Cree, Inc

Back Button MK-R Datasheet HTML 19Page - Cree, Inc MK-R Datasheet HTML 20Page - Cree, Inc MK-R Datasheet HTML 21Page - Cree, Inc MK-R Datasheet HTML 22Page - Cree, Inc MK-R Datasheet HTML 23Page - Cree, Inc MK-R Datasheet HTML 24Page - Cree, Inc MK-R Datasheet HTML 25Page - Cree, Inc MK-R Datasheet HTML 26Page - Cree, Inc MK-R Datasheet HTML 27Page - Cree, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 33 page
background image
Copyright © 2012-2016 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree®, XLamp®, EasyWhite® and SC3 Technology® are registered trademarks and
the Cree logo is a trademark of Cree, Inc. UL® and the UR logo are registered trademarks of UL LLC.
23
XLamp® mK-R LEDs
perFOrmanCe GrOups - ChrOmatiCity (t
J = 85 °C) - COntinued
Ansi White bins
Code
CCt
bin
Code
x
y
0E1
6500K
1A0
0.3048
0.3207
0.3130
0.3290
0.3144
0.3186
0.3068
0.3113
1B0
0.3028
0.3304
0.3115
0.3391
0.3130
0.3290
0.3048
0.3207
1C0
0.3115
0.3391
0.3205
0.3481
0.3213
0.3373
0.3130
0.3290
1D0
0.3130
0.3290
0.3213
0.3373
0.3221
0.3261
0.3144
0.3186
Ansi White bins
Code
CCt
bin
Code
x
y
0e2
5700K
2A0
0.3215
0.3350
0.3290
0.3417
0.3290
0.3300
0.3222
0.3243
2B0
0.3207
0.3462
0.3290
0.3538
0.3290
0.3417
0.3215
0.3350
2C0
0.3290
0.3538
0.3376
0.3616
0.3371
0.3490
0.3290
0.3417
2D0
0.3290
0.3417
0.3371
0.3490
0.3366
0.3369
0.3290
0.3300
Ansi White bins
Code
CCt
bin
Code
x
y
0E3
5000K
3A0
.3371
.3490
.3451
.3554
.3440
.3427
.3366
.3369
3B0
.3376
.3616
.3463
.3687
.3451
.3554
.3371
.3490
3C0
.3463
.3687
.3551
.3760
.3533
.3620
.3451
.3554
3D0
.3451
.3554
.3533
.3620
.3515
.3487
.3440
.3427
Ansi White bins
Code
CCt
bin
Code
x
y
0E5
4000 K
5A0
.3670
.3578
.3702
.3722
.3825
.3798
.3783
.3646
5B0
.3702
.3722
.3736
.3874
.3869
.3958
.3825
.3798
5C0
.3825
.3798
.3869
.3958
.4006
.4044
.3950
.3875
5D0
.3783
.3646
.3825
.3798
.3950
.3875
.3898
.3716
Ansi White bins
Code
CCt
bin
Code
x
y
0e6
3500K
6A0
.3889
.3690
.3941
.3848
.4080
.3916
.4017
.3751
6B0
.3941
.3848
.3996
.4015
.4146
.4089
.4080
.3916
6C0
.4080
.3916
.4146
.4089
.4299
.4165
.4221
.3984
6D0
.4017
.3751
.4080
.3916
.4221
.3984
.4147
.3814
Ansi White bins
Code
CCt
bin
Code
x
y
0e4
4500K
4A0
.3530
.3597
.3615
.3659
.3590
.3521
.3512
.3465
4B0
.3548
.3736
.3641
.3804
.3615
.3659
.3530
.3597
4C0
.3641
.3804
.3736
.3874
.3702
.3722
.3615
.3659
4D0
.3668
.3957
.3771
.4034
.3736
.3874
.3641
.3804



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com