Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MK-R Datasheet(PDF) 31 Page - Cree, Inc

Part # MK-R
Description  Available in ANSI white bins as well as 4-step and 2-step EasyWhite bins at 2700 K
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

MK-R Datasheet(HTML) 31 Page - Cree, Inc

Back Button MK-R Datasheet HTML 25Page - Cree, Inc MK-R Datasheet HTML 26Page - Cree, Inc MK-R Datasheet HTML 27Page - Cree, Inc MK-R Datasheet HTML 28Page - Cree, Inc MK-R Datasheet HTML 29Page - Cree, Inc MK-R Datasheet HTML 30Page - Cree, Inc MK-R Datasheet HTML 31Page - Cree, Inc MK-R Datasheet HTML 32Page - Cree, Inc MK-R Datasheet HTML 33Page - Cree, Inc  
Zoom Inzoom in Zoom Outzoom out
 31 / 33 page
background image
Copyright © 2012-2016 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree®, XLamp®, EasyWhite® and SC3 Technology® are registered trademarks and
the Cree logo is a trademark of Cree, Inc. UL® and the UR logo are registered trademarks of UL LLC.
31
XLamp® mK-R LEDs
MEChAniCAL DiMEnsions
Thermal vias, if present, are not shown on these drawings.
Allmeasurementsare±.13mmunlessotherwiseindicated.
SIZE
TITLE
OF
REV.
SHEET
C
DRAWING NO.
DATE
DATE
DATE
CHECK
FINAL PROTECTIVE FINISH
MATERIAL
APPROVED
DRAWN BY
THIRD ANGLE PROJECTION
SCALE
A
B
C
D
1
2
3
4
5
6
6
5
4
3
2
1
A
B
C
D
Phone (919) 313-5300
Fax (919) 313-5558
4600 Silicon Drive
Durham, N.C 27703
UNAUTHORIZED PERSON WITHOUT
THE WRITTEN CONSENT
MAY NOT BE COPIED, REPRODUCED OR DISCLOSED TO ANY
CONFIDENTIAL INFORMATION OF CREE, INC. THIS PLOT
CONTAINED WITHIN ARE THE PROPRIETARY AND
CREE CONFIDENTIAL. THIS PLOT AND THE INFORMATION
OF CREE INC.
NOTICE
X°
±
.5 °
.XXX
±
.25
.XX
±
.75
.X
±
1.5
FOR SHEET METAL PARTS ONLY
.XX
±
.25
.XXX
±
.125
X°
±
.5 °
UNLESS OTHERWISE SPECIFIED
DIMENSIONS ARE IN
MILLIMETERS AND AFTER FINISH.
TOLERANCE UNLESS SPECIFIED:
SURFACE FINISH:
1.6
7.00
7.00
.73
4.08
R
3.25
6.70
6.76
REF.
6.76
6.70
3.90
.70
.70
6.76
6.70
1.24
1.29
.25
.70
.25
1.29
6.76
REF.
6.70
REF.
6.70
6.76
.70
.70
3.90
.70
1
/
1
11.000
E
2610-00031
MKR Marketing Spec
11/7/12
D. CRONIN
REVISONS
REV
DESCRIPTION
BY
DATE
APP'D
B
VIEWS SHOW LATEST REVISION
DC
8/5/13
D
NOTCH IS ADDED TO BACKSIDE
DC
7/7/14
E
UPDATED ALL VIEWS
DC
6/19/15
RECOMMENDED STENCIL PATTERN
SHADED AREA IS OPENING
RECOMMENDED PCB SOLDER PAD
PRIMARY
ALTERNATIVE
ALTERNATIVE
side View
top View
alternate Bottom View
SIZE
TITLE
OF
REV.
SHEET
C
DRAWING NO.
DATE
DATE
DATE
CHECK
FINAL PROTECTIVE FINISH
MATERIAL
APPROVED
DRAWN BY
THIRD ANGLE PROJECTION
SCALE
A
B
C
D
1
2
3
4
5
6
6
5
4
3
2
1
A
B
C
D
Phone (919) 313-5300
Fax (919) 313-5558
4600 Silicon Drive
Durham, N.C 27703
UNAUTHORIZED PERSON WITHOUT
THE WRITTEN CONSENT
MAY NOT BE COPIED, REPRODUCED OR DISCLOSED TO ANY
CONFIDENTIAL INFORMATION OF CREE, INC. THIS PLOT
CONTAINED WITHIN ARE THE PROPRIETARY AND
CREE CONFIDENTIAL. THIS PLOT AND THE INFORMATION
OF CREE INC.
NOTICE
X°
±
.5 °
.XXX
±
.25
.XX
±
.75
.X
±
1.5
FOR SHEET METAL PARTS ONLY
.XX
±
.25
.XXX
±
.125
X°
±
.5 °
UNLESS OTHERWISE SPECIFIED
DIMENSIONS ARE IN
MILLIMETERS AND AFTER FINISH.
TOLERANCE UNLESS SPECIFIED:
SURFACE FINISH:
1.6
7.00
7.00
.73
4.08
R
3.25
6.70
6.76
REF.
6.76
6.70
3.90
.70
.70
6.76
6.70
1.24
1.29
.25
.70
.25
1.29
6.76
REF.
6.70
REF.
6.70
6.76
.70
.70
3.90
.70
1
/
1
11.000
E
2610-00031
MKR Marketing Spec
11/7/12
D. CRONIN
REVISONS
REV
DESCRIPTION
BY
DATE
APP'D
B
VIEWS SHOW LATEST REVISION
DC
8/5/13
D
NOTCH IS ADDED TO BACKSIDE
DC
7/7/14
E
UPDATED ALL VIEWS
DC
6/19/15
RECOMMENDED STENCIL PATTERN
SHADED AREA IS OPENING
RECOMMENDED PCB SOLDER PAD
PRIMARY
ALTERNATIVE
ALTERNATIVE
Bottom View
SIZE
TITLE
OF
REV.
SHEET
C
DRAWING NO.
DATE
DATE
DATE
CHECK
FINAL PROTECTIVE FINISH
MATERIAL
APPROVED
DRAWN BY
THIRD ANGLE PROJECTION
SCALE
A
B
C
D
1
2
3
4
5
6
6
5
4
3
2
1
A
B
C
D
Phone (919) 313-5300
Fax (919) 313-5558
4600 Silicon Drive
Durham, N.C 27703
UNAUTHORIZED PERSON WITHOUT
THE WRITTEN CONSENT
MAY NOT BE COPIED, REPRODUCED OR DISCLOSED TO ANY
CONFIDENTIAL INFORMATION OF CREE, INC. THIS PLOT
CONTAINED WITHIN ARE THE PROPRIETARY AND
CREE CONFIDENTIAL. THIS PLOT AND THE INFORMATION
OF CREE INC.
NOTICE
X°
±
.5 °
.XXX
±
.25
.XX
±
.75
.X
±
1.5
FOR SHEET METAL PARTS ONLY
.XX
±
.25
.XXX
±
.125
X°
±
.5 °
UNLESS OTHERWISE SPECIFIED
DIMENSIONS ARE IN
MILLIMETERS AND AFTER FINISH.
TOLERANCE UNLESS SPECIFIED:
SURFACE FINISH:
1.6
7.00
7.00
.73
4.08
R
3.25
6.70
6.76
REF.
6.76
6.70
3.90
.70
.70
6.76
6.70
1.24
1.29
.25
.70
.25
1.29
6.76
REF.
6.70
REF.
6.70
6.76
.70
.70
3.90
.70
1
/
1
11.000
E
2610-00031
MKR Marketing Spec
11/7/12
D. CRONIN
REVISONS
REV
DESCRIPTION
BY
DATE
APP'D
B
VIEWS SHOW LATEST REVISION
DC
8/5/13
D
NOTCH IS ADDED TO BACKSIDE
DC
7/7/14
E
UPDATED ALL VIEWS
DC
6/19/15
RECOMMENDED STENCIL PATTERN
SHADED AREA IS OPENING
RECOMMENDED PCB SOLDER PAD
PRIMARY
ALTERNATIVE
ALTERNATIVE
Anode
alternate Bottom View
SIZE
TITLE
OF
REV.
SHEET
C
DRAWING NO.
DATE
DATE
DATE
CHECK
FINAL PROTECTIVE FINISH
MATERIAL
APPROVED
DRAWN BY
THIRD ANGLE PROJECTION
SCALE
A
B
C
D
1
2
3
4
5
6
6
5
4
3
2
1
A
B
C
D
Phone (919) 313-5300
Fax (919) 313-5558
4600 Silicon Drive
Durham, N.C 27703
UNAUTHORIZED PERSON WITHOUT
THE WRITTEN CONSENT
MAY NOT BE COPIED, REPRODUCED OR DISCLOSED TO ANY
CONFIDENTIAL INFORMATION OF CREE, INC. THIS PLOT
CONTAINED WITHIN ARE THE PROPRIETARY AND
CREE CONFIDENTIAL. THIS PLOT AND THE INFORMATION
OF CREE INC.
NOTICE
X°
±
.5 °
.XXX
±
.25
.XX
±
.75
.X
±
1.5
FOR SHEET METAL PARTS ONLY
.XX
±
.25
.XXX
±
.125
X°
±
.5 °
UNLESS OTHERWISE SPECIFIED
DIMENSIONS ARE IN
MILLIMETERS AND AFTER FINISH.
TOLERANCE UNLESS SPECIFIED:
SURFACE FINISH:
1.6
7.00
7.00
.73
4.08
R
3.25
6.70
6.76
REF.
6.76
6.70
3.90
.70
.70
6.76
6.70
1.24
1.29
.25
.70
.25
1.29
6.76
REF.
6.70
REF.
6.70
6.76
.70
.70
3.90
.70
1
/
1
11.000
E
2610-00031
MKR Marketing Spec
11/7/12
D. CRONIN
REVISONS
REV
DESCRIPTION
BY
DATE
APP'D
B
VIEWS SHOW LATEST REVISION
DC
8/5/13
D
NOTCH IS ADDED TO BACKSIDE
DC
7/7/14
E
UPDATED ALL VIEWS
DC
6/19/15
RECOMMENDED STENCIL PATTERN
SHADED AREA IS OPENING
RECOMMENDED PCB SOLDER PAD
PRIMARY
ALTERNATIVE
ALTERNATIVE
Anode
Anode
Recommended PCb solder Pad
SIZE
TITLE
OF
REV.
SHEET
C
DRAWING NO.
DATE
DATE
DATE
CHECK
FINAL PROTECTIVE FINISH
MATERIAL
APPROVED
DRAWN BY
THIRD ANGLE PROJECTION
SCALE
A
B
C
D
1
2
3
4
5
6
6
5
4
3
2
1
A
B
C
D
Phone (919) 313-5300
Fax (919) 313-5558
4600 Silicon Drive
Durham, N.C 27703
UNAUTHORIZED PERSON WITHOUT
THE WRITTEN CONSENT
MAY NOT BE COPIED, REPRODUCED OR DISCLOSED TO ANY
CONFIDENTIAL INFORMATION OF CREE, INC. THIS PLOT
CONTAINED WITHIN ARE THE PROPRIETARY AND
CREE CONFIDENTIAL. THIS PLOT AND THE INFORMATION
OF CREE INC.
NOTICE
X°
±
.5 °
.XXX
±
.25
.XX
±
.75
.X
±
1.5
FOR SHEET METAL PARTS ONLY
.XX
±
.25
.XXX
±
.125
X°
±
.5 °
UNLESS OTHERWISE SPECIFIED
DIMENSIONS ARE IN
MILLIMETERS AND AFTER FINISH.
TOLERANCE UNLESS SPECIFIED:
SURFACE FINISH:
1.6
7.00
7.00
.73
4.08
R
3.25
6.70
6.76
REF.
6.76
6.70
3.90
.70
.70
6.76
6.70
1.24
1.29
.25
.70
.25
1.29
6.76
REF.
6.70
REF.
6.70
6.76
.70
.70
3.90
.70
1
/
1
11.000
E
2610-00031
MKR Marketing Spec
11/7/12
D. CRONIN
REVISONS
REV
DESCRIPTION
BY
DATE
APP'D
B
VIEWS SHOW LATEST REVISION
DC
8/5/13
D
NOTCH IS ADDED TO BACKSIDE
DC
7/7/14
E
UPDATED ALL VIEWS
DC
6/19/15
RECOMMENDED STENCIL PATTERN
SHADED AREA IS OPENING
RECOMMENDED PCB SOLDER PAD
PRIMARY
ALTERNATIVE
ALTERNATIVE
Recommended stencil Pattern
(shaded area is Open)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com