Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MK-R Datasheet(PDF) 3 Page - Cree, Inc

Part # MK-R
Description  Available in ANSI white bins as well as 4-step and 2-step EasyWhite bins at 2700 K
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

MK-R Datasheet(HTML) 3 Page - Cree, Inc

  MK-R Datasheet HTML 1Page - Cree, Inc MK-R Datasheet HTML 2Page - Cree, Inc MK-R Datasheet HTML 3Page - Cree, Inc MK-R Datasheet HTML 4Page - Cree, Inc MK-R Datasheet HTML 5Page - Cree, Inc MK-R Datasheet HTML 6Page - Cree, Inc MK-R Datasheet HTML 7Page - Cree, Inc MK-R Datasheet HTML 8Page - Cree, Inc MK-R Datasheet HTML 9Page - Cree, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 33 page
background image
Copyright © 2012-2016 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree®, XLamp®, EasyWhite® and SC3 Technology® are registered trademarks and
the Cree logo is a trademark of Cree, Inc. UL® and the UR logo are registered trademarks of UL LLC.
3
XLamp® mK-R LEDs
ChARACtERistiCs
Characteristics
unit
Minimum
typical
Maximum
Thermal resistance, junction to solder point
°C/W
1.7
Viewingangle-fullwidthhalfmaximum(FWHM)
degrees
120
Temperaturecoefficientofvoltage(6 V,1400 mA,85 °C)
mV/°C
-4
Temperaturecoefficientofvoltage(12 V,700 mA,85 °C)
mV/°C
-8
ESDwithstandvoltage(HBMperMil-Std-883D)
v
8000
DCforwardcurrent(6 V,1400 mA,85 °C)
mA
2500
DCforwardcurrent(12 V,700 mA,85 °C)
mA
1250
Reverse voltage
v
5
Forwardvoltage(6 V,1400 mA,85 °C)
v
5.85
7
Forwardvoltage(12 V,700 mA,85 °C)
v
11.7
14
LeD junction temperature
°C
150



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com