Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MK-R Datasheet(PDF) 10 Page - Cree, Inc

Part # MK-R
Description  Available in ANSI white bins as well as 4-step and 2-step EasyWhite bins at 2700 K
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

MK-R Datasheet(HTML) 10 Page - Cree, Inc

Back Button MK-R Datasheet HTML 6Page - Cree, Inc MK-R Datasheet HTML 7Page - Cree, Inc MK-R Datasheet HTML 8Page - Cree, Inc MK-R Datasheet HTML 9Page - Cree, Inc MK-R Datasheet HTML 10Page - Cree, Inc MK-R Datasheet HTML 11Page - Cree, Inc MK-R Datasheet HTML 12Page - Cree, Inc MK-R Datasheet HTML 13Page - Cree, Inc MK-R Datasheet HTML 14Page - Cree, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 33 page
background image
Copyright © 2012-2016 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree®, XLamp®, EasyWhite® and SC3 Technology® are registered trademarks and
the Cree logo is a trademark of Cree, Inc. UL® and the UR logo are registered trademarks of UL LLC.
10
XLamp® mK-R LEDs
Notes:
• Creemaintainsatoleranceof±7%onfluxandpowermeasurements,±0.005onchromaticity(CCx,CCy)measurementsand±2onCRI
measurements.SeetheMeasurementssection(page29).
• Minimum CRI for 90-CRI White is 90.
* Fluxvalues@25 °Carecalculatedandforreferenceonly.
** CreeXLampMK-RLEDordercodesspecifyonlyaminimumfluxbinandnotamaximum.Creemayshipreelsinfluxbinshigher
thantheminimumspecifiedbytheordercodewithoutadvancenotice.Shipmentswillalwaysadheretothechromaticityrestrictions
specifiedbytheordercode.
Color
CCt
Range
Minimum Luminous Flux**
2-step
4-step
Group
Flux
(lm) @
85 °C
Flux
(lm) @
25 °C*
Chromaticity
Region
order Code
Chromaticity
Region
order Code
90-CRI
easyWhite
3000K
F4
730
821
30H
MKRAWT-00-0000-0D0UF430H
30F
MKRAWT-00-0000-0D0UF430F
F2
680
765
MKRAWT-00-0000-0D0UF230H
MKRAWT-00-0000-0D0UF230F
e4
635
714
MKRAWT-00-0000-0D0UE430H
MKRAWT-00-0000-0D0UE430F
e2
590
664
MKRAWT-00-0000-0D0UE230H
MKRAWT-00-0000-0D0UE230F
2700 K
F2
680
765
27H
MKRAWT-00-0000-0D0UF227H
27F
MKRAWT-00-0000-0D0UF227F
e4
635
714
MKRAWT-00-0000-0D0UE427H
MKRAWT-00-0000-0D0Ue427F
e2
590
664
MKRAWT-00-0000-0D0UE227H
MKRAWT-00-0000-0D0Ue227F
D4
550
619
MKRAWT-00-0000-0D0UD427H
MKRAWT-00-0000-0D0UD427F
FLuX ChARACtERistiCs, EAsyWhitE® Order COdes and Bins - 12 V (i
F = 700 mA, tJ = 85 °C) - COntinued



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com