Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MK-R Datasheet(PDF) 32 Page - Cree, Inc

Part # MK-R
Description  Available in ANSI white bins as well as 4-step and 2-step EasyWhite bins at 2700 K
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

MK-R Datasheet(HTML) 32 Page - Cree, Inc

Back Button MK-R Datasheet HTML 25Page - Cree, Inc MK-R Datasheet HTML 26Page - Cree, Inc MK-R Datasheet HTML 27Page - Cree, Inc MK-R Datasheet HTML 28Page - Cree, Inc MK-R Datasheet HTML 29Page - Cree, Inc MK-R Datasheet HTML 30Page - Cree, Inc MK-R Datasheet HTML 31Page - Cree, Inc MK-R Datasheet HTML 32Page - Cree, Inc MK-R Datasheet HTML 33Page - Cree, Inc  
Zoom Inzoom in Zoom Outzoom out
 32 / 33 page
background image
Copyright © 2012-2016 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree®, XLamp®, EasyWhite® and SC3 Technology® are registered trademarks and
the Cree logo is a trademark of Cree, Inc. UL® and the UR logo are registered trademarks of UL LLC.
32
XLamp® mK-R LEDs
tAPE AnD REEL
AllCreecarriertapesconformtoEIA-481D,AutomatedComponentHandlingSystemsStandard.
All dimensions in mm.
SIZE
TITLE
OF
REV.
SHEET
C
DRAWING NO.
DATE
DATE
DATE
CHECK
FINAL PROTECTIVE FINISH
MATERIAL
APPROVED
DRAWN BY
THIRD ANGLE PROJECTION
X°
±
.5 °
.XXX ±
.010
.XX ±
.03
.X
±
.06
FOR SHEET METAL PARTS ONLY
.XX ±
.01
.XXX ±
.005
X°
±
.5 °
UNLESS OTHERWISE SPECIFIED
DIMENSIONS ARE IN INCHES
AND AFTER FINISH.
TOLERANCE UNLESS SPECIFIED:
SCALE
A
B
C
D
1
2
3
4
5
6
6
5
4
3
2
1
A
B
C
D
Phone (919) 313-5300
Fax (919) 313-5558
4600 Silicon Drive
Durham, N.C 27703
UNAUTHORIZED PERSON WITHOUT THE WRITTEN CONSENT
MAY NOT BE COPIED, REPRODUCED OR DISCLOSED TO ANY
CONFIDENTIAL INFORMATION OF CREE, INC. THIS PLOT
CONTANED WITHIN ARE THE PROPRIETARY AND
CREE CONFIDENTIAL. THIS PLOT AND THE INFORMATION
OF CREE INC.
NOTICE
SURFACE FINISH: 63
330
+.25
-.75
12.4
+1.0
-.5
MEASURED AT EDGE
16.4
+0.2
.0
MEASURED AT HUB
12.4
+.2
.0
MEASURED AT HUB
±.2
13.1
1.9±.4
±.4
21
60°
60°
1
/
1
0.500
A
2400-00009
REEL, 13" X 12MM, 3 PIECE SNAP
-
ANTI-STATIC HIPS
--
--
--
--
09/29/09
D. CRONIN
2400-00009
INDEX
QTY
ITEM
COMMENTS
1
1
2400-00009-CORE
2
2
2400-00009-REEL
REVISONS
REV
DESCRIPTION
BY
DATE
APP'D
SIZE
TITLE
OF
REV.
SHEET
C
DRAWING NO.
DATE
DATE
DATE
CHECK
FINAL PROTECTIVE FINISH
MATERIAL
APPROVED
DRAWN BY
THIRD ANGLE PROJECTION
SCALE
A
B
C
D
1
2
3
4
5
6
6
5
4
3
2
1
A
B
C
D
Phone (919) 313-5300
Fax (919) 313-5558
4600 Silicon Drive
Durham, N.C 27703
UNAUTHORIZED PERSON WITHOUT
THE WRITTEN CONSENT
MAY NOT BE COPIED, REPRODUCED OR DISCLOSED TO ANY
CONFIDENTIAL INFORMATION OF CREE, INC. THIS PLOT
CONTAINED WITHIN ARE THE PROPRIETARY AND
CREE CONFIDENTIAL. THIS PLOT AND THE INFORMATION
OF CREE INC.
NOTICE
X° ± .5°
.XXX± .25
.XX± .75
.X ± 1.5
FOR SHEET METAL PARTS ONLY
.XX± .25
.XXX± .125
X° ± .5°
UNLESS OTHERWISE SPECIFIED
DIMENSIONS ARE IN
MILLIMETERS AND AFTER FINISH.
TOLERANCE UNLESS SPECIFIED:
SURFACE FINISH:
1.6
Trailer
180 mm (min) of
empty pockets
sealed with tape
(15 pockets min.)
Loaded Pockets
(1000 Lamps)
12 ±.1
4.31
16
+.3
-.0
1.75
±.10
4 ±.10
Leader
420 mm (min) of
empty pockets
sealed with tape
(35 pockets min.)
7.4
0.36
Ø 13”
Ø 13 mm
1
/
1
3.000
A
2402-00025
MKR LOADING SPEC
--
--
--
--
--
--
12/7/12
D. CRONIN
REVISONS
REV
DESCRIPTION
BY DATEAPP'D
A
Initial Release
DC 12/7/12
END
START
User Feed Direction
CATHODE SIDE
ANODE SIDE
User Feed Direction
Ø 1.5 ±.1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com