Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MK-R Datasheet(PDF) 1 Page - Cree, Inc

Part # MK-R
Description  Available in ANSI white bins as well as 4-step and 2-step EasyWhite bins at 2700 K
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

MK-R Datasheet(HTML) 1 Page - Cree, Inc

  MK-R Datasheet HTML 1Page - Cree, Inc MK-R Datasheet HTML 2Page - Cree, Inc MK-R Datasheet HTML 3Page - Cree, Inc MK-R Datasheet HTML 4Page - Cree, Inc MK-R Datasheet HTML 5Page - Cree, Inc MK-R Datasheet HTML 6Page - Cree, Inc MK-R Datasheet HTML 7Page - Cree, Inc MK-R Datasheet HTML 8Page - Cree, Inc MK-R Datasheet HTML 9Page - Cree, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 33 page
background image
Product family data sheet
Copyright © 2012-2016 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree®, XLamp®, EasyWhite®
and SC3Technology®are registered trademarks and the Cree logo is a trademark of Cree, Inc. UL® and the UR logo are registered trademarks of UL LLC.
Cree, Inc.
4600 Silicon Drive
Durham, NC 27703
USA Tel: +1.919.313.5300
Cree® XLamp® MK-R LEDs
PRoDuCt DEsCRiPtion
Built on Cree’s revolutionary SC³ Technology® platform, the
XLamp® MK-R LeD brings new levels of price and performance
to directional LeD arrays, enabling lighting manufacturers to
create the next generation of high-lumen indoor and outdoor
LeD lighting systems. In single-LeD systems, the XLamp MK-R
LeD, with easyWhite® color binning, provides the LeD industry’s
tightest unit-to-unit color consistency. For systems using multiple
LeDs, the MK-R enables manufacturers to use fewer LeDs while
maintaining light output and color consistency, which translates
to lower system cost.
The XLamp MK-R LeD is optimized for directional lighting
applications and is a welcome addition to applications requiring
high lumen output, a compact optical source and a broad palette
of color temperature and CRI values.
FEAtuREs
• Available in ANSI white bins as well as 4-step and 2-step
EasyWhitebinsat2700 K,3000 K,3500 K,4000 K,4500 K
and5000 KCCT
• Twovoltageoptions:6 V&12 V
• Lowthermalresistance:1.7 °C/W
• Maximumjunctiontemperature:150 °C
• Binnedat85 °C
• Viewingangle:120°
• Available in cool white, 70-, 80- and 90-CRI minimums
• Unlimitedfloorlifeat≤30 ºC/85%RH
• Reflowsolderable-JEDECJ-STD-020C
• electrically neutral thermal path
• RoHSandREAChcompliant
• UL®recognizedcomponent(E349212)


Similar Part No. - MK-R

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
MK-R2 CREE-MK-R2 Datasheet
1Mb / 14P
XLamp LEDs
Rev 2E
More results

Similar Description - MK-R

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
MLBAWT-A1-0000-000W51 CREE-MLBAWT-A1-0000-000W51_13 Datasheet
1,022Kb / 11P
XLamp ML-B LEDs ANSI-compatible sub-bins Electrically neutral thermal path
Rev 6
CXA1850 CREE-CXA1850 Datasheet
1Mb / 15P
Available in 4-step and 2-step EasyWhite짰 bins at 2700 K
Rev 0
CXA2590 CREE-CXA2590 Datasheet
1Mb / 16P
Available in 4-step and 2-step EasyWhite짰 bins at 2700 K
Rev 0
logo
Murata Manufacturing Co...
PTFM04BB471Q2N34BS MURATA-PTFM04BB471Q2N34BS Datasheet
199Kb / 3P
compact and light design as well as excellent thermal response
PTFM04BE222Q2N34BS MURATA-PTFM04BE222Q2N34BS Datasheet
200Kb / 3P
compact and light design as well as excellent thermal response
PTFM04BF222Q2N34BS MURATA-PTFM04BF222Q2N34BS Datasheet
199Kb / 3P
compact and light design as well as excellent thermal response
PTFM04BF471Q2N34BS MURATA-PTFM04BF471Q2N34BS Datasheet
199Kb / 3P
compact and light design as well as excellent thermal response
PTFM04BG222Q2N34BS MURATA-PTFM04BG222Q2N34BS Datasheet
195Kb / 3P
compact and light design as well as excellent thermal response
logo
Cree, Inc
CXB1310 CREE-CXB1310 Datasheet
2Mb / 20P
Available in 5-step EasyWhite
Rev 0A
CXB1520 CREE-CXB1520 Datasheet
2Mb / 15P
Available in 5-step EasyWhite
Rev 0A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com