Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS4C2M32SA Datasheet(PDF) 11 Page - Alliance Semiconductor Corporation

Part # AS4C2M32SA
Description  64Mb SDRAM AS4C2M32SA - 86pin TSOP II PACKAGE
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALSC [Alliance Semiconductor Corporation]
Direct Link  https://www.alliancememory.com
Logo ALSC - Alliance Semiconductor Corporation

AS4C2M32SA Datasheet(HTML) 11 Page - Alliance Semiconductor Corporation

Back Button AS4C2M32SA Datasheet HTML 7Page - Alliance Semiconductor Corporation AS4C2M32SA Datasheet HTML 8Page - Alliance Semiconductor Corporation AS4C2M32SA Datasheet HTML 9Page - Alliance Semiconductor Corporation AS4C2M32SA Datasheet HTML 10Page - Alliance Semiconductor Corporation AS4C2M32SA Datasheet HTML 11Page - Alliance Semiconductor Corporation AS4C2M32SA Datasheet HTML 12Page - Alliance Semiconductor Corporation AS4C2M32SA Datasheet HTML 13Page - Alliance Semiconductor Corporation AS4C2M32SA Datasheet HTML 14Page - Alliance Semiconductor Corporation AS4C2M32SA Datasheet HTML 15Page - Alliance Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 54 page
background image
Figure 11. Write Interrupted by a Write (Burst Length = 4)
CLK
T0
T1
COMMAND
T2
T3
T4
T5
T6
T7
T8
DQ
NOP
WRITE A WRITE B
NOP
NOP
NOP
NOP
NOP
NOP
DIN A0
DIN B0
DIN B1
DIN B2
DIN B3
The Read command that interrupts a write burst without auto precharge function should be issued one
cycle after the clock edge in which the last data-in element is registered. In order to avoid data contention,
input data must be removed from the DQs at least one clock cycle before the first read data appears on
the outputs (refer to the following figure). Once the Read command is registered, the data inputs will be
ignored and writes will not be executed.
Figure 12. Write Interrupted by a Read (Burst Length = 4, CAS# Latency = 2, 3)
Don’t Care
CLK
T0
T1
COMMAND
T2
T3
T4
T5
T6
T7
T8
CAS# latency=2
tCK2, DQ
CAS# latency=3
tCK3, DQ
Input data must be removed from the DQ at least one clock cycle before
the Read data appears on the outputs to avoid data contention
NOP
WRITE A
READ B
NOP
NOP
NOP
NOP
NOP
NOP
DIN A0
DOUT B0 DOUT B1 DOUT B2 DOUT B3
DOUT B3
DOUT B2
DOUT B1
DOUT B0
DIN A0
The BankPrecharge/PrechargeAll command that interrupts a write burst without the auto precharge
function should be issued m cycles after the clock edge in which the last data-in element is registered,
where m equals tWR/tCK rounded up to the next whole number. In addition, the DQM signals must be
used to mask input data, starting with the clock edge following the last data-in element and ending with
the clock edge on which the BankPrecharge/PrechargeAll command is entered (refer to the following
figure).
AS4C2M32SA-6TIN
AS4C2M32SA-6TCN
AS4C2M32SA-7TCN
Confidential
-11/54-
Rev.1.0 Sep. 2015



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com