Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS4C2M32SA Datasheet(PDF) 17 Page - Alliance Semiconductor Corporation

Part # AS4C2M32SA
Description  64Mb SDRAM AS4C2M32SA - 86pin TSOP II PACKAGE
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALSC [Alliance Semiconductor Corporation]
Direct Link  https://www.alliancememory.com
Logo ALSC - Alliance Semiconductor Corporation

AS4C2M32SA Datasheet(HTML) 17 Page - Alliance Semiconductor Corporation

Back Button AS4C2M32SA Datasheet HTML 13Page - Alliance Semiconductor Corporation AS4C2M32SA Datasheet HTML 14Page - Alliance Semiconductor Corporation AS4C2M32SA Datasheet HTML 15Page - Alliance Semiconductor Corporation AS4C2M32SA Datasheet HTML 16Page - Alliance Semiconductor Corporation AS4C2M32SA Datasheet HTML 17Page - Alliance Semiconductor Corporation AS4C2M32SA Datasheet HTML 18Page - Alliance Semiconductor Corporation AS4C2M32SA Datasheet HTML 19Page - Alliance Semiconductor Corporation AS4C2M32SA Datasheet HTML 20Page - Alliance Semiconductor Corporation AS4C2M32SA Datasheet HTML 21Page - Alliance Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 54 page
background image
14
SelfRefresh Exit command
This command is used to exit from the SelfRefresh mode. Once this command is registered, NOP or
Device Deselect commands must be issued for tXSR(min.) because time is required for the completion
of any bank currently being internally refreshed. If auto refresh cycles in bursts are performed during
normal operation, a burst of 4096 auto refresh cycles should be completed just prior to entering and just
after exiting the SelfRefresh mode.
15
Clock Suspend Mode Entry / PowerDown Mode Entry command (CKE = "L")
When the SDRAM is operating the burst cycle, the internal CLK is suspended (masked) from the
subsequent cycle by issuing this command (asserting CKE "LOW"). The device operation is held intact
while CLK is suspended. On the other hand, when all banks are in the idle state, this command
performs entry into the PowerDown mode. All input and output buffers (except the CKE buffer) are
turned off in the PowerDown mode. The device may not remain in the Clock Suspend or PowerDown
state longer than the refresh period (64ms) since the command does not perform any refresh
operations.
16
Clock Suspend Mode Exit / PowerDown Mode Exit command (CKE= "H")
When the internal CLK has been suspended, the operation of the internal CLK is reinitiated from the
subsequent cycle by providing this command (asserting CKE "HIGH", the command should be NOP or
deselect). When the device is in the PowerDown mode, the device exits this mode and all disabled
buffers are turned on to the active state. tPDE (min.) is required when the device exits from the
PowerDown mode. Any subsequent commands can be issued after one clock cycle from the end of this
command.
17
Data Write / Output Enable, Data Mask / Output Disable command (DQM = "L", "H")
During a write cycle, the DQM signal functions as a Data Mask and can control every word of the
input data. During a read cycle, the DQM functions as the controller of output buffers. DQM is also used
for device selection, byte selection and bus control in a memory system.
AS4C2M32SA-6TIN
AS4C2M32SA-6TCN
AS4C2M32SA-7TCN
Confidential
-17/54-
Rev.1.0 Sep. 2015



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com