Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS4C2M32SA Datasheet(PDF) 21 Page - Alliance Semiconductor Corporation

Part # AS4C2M32SA
Description  64Mb SDRAM AS4C2M32SA - 86pin TSOP II PACKAGE
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALSC [Alliance Semiconductor Corporation]
Direct Link  https://www.alliancememory.com
Logo ALSC - Alliance Semiconductor Corporation

AS4C2M32SA Datasheet(HTML) 21 Page - Alliance Semiconductor Corporation

Back Button AS4C2M32SA Datasheet HTML 17Page - Alliance Semiconductor Corporation AS4C2M32SA Datasheet HTML 18Page - Alliance Semiconductor Corporation AS4C2M32SA Datasheet HTML 19Page - Alliance Semiconductor Corporation AS4C2M32SA Datasheet HTML 20Page - Alliance Semiconductor Corporation AS4C2M32SA Datasheet HTML 21Page - Alliance Semiconductor Corporation AS4C2M32SA Datasheet HTML 22Page - Alliance Semiconductor Corporation AS4C2M32SA Datasheet HTML 23Page - Alliance Semiconductor Corporation AS4C2M32SA Datasheet HTML 24Page - Alliance Semiconductor Corporation AS4C2M32SA Datasheet HTML 25Page - Alliance Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 54 page
background image
Table 16. LVTTL Interface
Reference Level of Output Signals
1.4V / 1.4V
Output Load
Reference to the Under Output Load
Input Signal Levels (VIH /VIL)
2.4V / 0.4V
Transition Time (Rise and Fall) of Input Signals
1ns
Reference Level of Input Signals
1.4V
Output
1.2KΩ
30pF
3.3V
870Ω
Output
Z0=50Ω
50Ω
30pF
1.4V
Figure 18.1 LVTTL D.C. Test Load (A)
Figure 18.2 LVTTL A.C. Test Load (B)
7. Transition times are measured between VIH and VIL. Transition (rise and fall) of input signals are in a fixed
slope (1 ns).
8. tHZ defines the time in which the outputs achieve the open circuit condition and are not at reference levels.
9. If clock rising time is longer than 1 ns, (tR / 2 -0.5) ns should be added to the parameter.
10. Assumed input rise and fall time tT (tR & tF ) = 1 ns
If tR or tF is longer than 1 ns, transient time compensation should be considered, i.e., [(tr + tf)/2 - 1] ns should
be added to the parameter.
11. Power up Sequence
Power up must be performed in the following sequence.
1) Power must be applied to VDD and VDDQ (simultaneously) when CKE= “L”, DQM= “H” and all input
signals are held "NOP" state.
2) Start clock and maintain stable condition for minimum 200 µs, then bring CKE= “H” and, it is
recommended that DQM is held "HIGH" (VDD levels) to ensure DQ output is in high impedance.
3) All banks must be precharged.
4) Mode Register Set command must be asserted to initialize the Mode register.
5) A minimum of 2 Auto-Refresh dummy cycles must be required to stabilize the internal circuitry of the device.
* The Auto Refresh command can be issue before or after Mode Register Set command
AS4C2M32SA-6TIN
AS4C2M32SA-6TCN
AS4C2M32SA-7TCN
Confidential
-21/54-
Rev.1.0 Sep. 2015



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com