Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS4C2M32SA Datasheet(PDF) 18 Page - Alliance Semiconductor Corporation

Part # AS4C2M32SA
Description  64Mb SDRAM AS4C2M32SA - 86pin TSOP II PACKAGE
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALSC [Alliance Semiconductor Corporation]
Direct Link  https://www.alliancememory.com
Logo ALSC - Alliance Semiconductor Corporation

AS4C2M32SA Datasheet(HTML) 18 Page - Alliance Semiconductor Corporation

Back Button AS4C2M32SA Datasheet HTML 14Page - Alliance Semiconductor Corporation AS4C2M32SA Datasheet HTML 15Page - Alliance Semiconductor Corporation AS4C2M32SA Datasheet HTML 16Page - Alliance Semiconductor Corporation AS4C2M32SA Datasheet HTML 17Page - Alliance Semiconductor Corporation AS4C2M32SA Datasheet HTML 18Page - Alliance Semiconductor Corporation AS4C2M32SA Datasheet HTML 19Page - Alliance Semiconductor Corporation AS4C2M32SA Datasheet HTML 20Page - Alliance Semiconductor Corporation AS4C2M32SA Datasheet HTML 21Page - Alliance Semiconductor Corporation AS4C2M32SA Datasheet HTML 22Page - Alliance Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 54 page
background image
Table 11. Absolute Maximum Rating
Symbol
Item
Values
Unit
VIN, VOUT
Input, Output Voltage
- 1.0 ~ +4.6
V
VDD, VDDQ
Power Supply Voltage
- 1.0 ~ +4.6
V
TA
Ambient Temperature
Commercial
0 ~ 70
°C
Industrial
- 40 ~ +85
°C
TSTG
Storage Temperature
- 55 ~ +150
°C
PD
Power Dissipation
1.0
W
IOS
Short Circuit Output Current
50
mA
Note: Stress greater than those listed under "Absolute Maximum Ratings" may cause permanent damage to
the device.
Table 12. Recommended D.C. Operating Conditions (VDD = 3.3V ± 0.3V, TA = -40~+85°C)
Symbol
Parameter
Min.
Typ.
Max.
Unit Note
VDD
Power Supply Voltage
3.0
3.3
3.6
V
2
VDDQ
Power Supply Voltage(for I/O Buffer)
3.0
3.3
3.6
V
2
VIH
LVTTL Input High Voltage
2.0
-
VDDQ + 0.3
V
2
VIL
LVTTL Input Low Voltage
- 0.3
-
0.8
V
2
IIL
Input Leakage Current
(0V≦VIN≦VDD, All other pins not under test = 0V)
- 10
-
10
µA
IOZ
Output Leakage Current
(Output Disable, 0V≦VIN≦VDDQ)
- 10
-
10
µA
VOH
LVTTL Output "H" Level Voltage
(IOUT = -2mA)
2.4
-
-
V
VOL
LVTTL Output "L" Level Voltage
(IOUT = 2mA)
-
-
0.4
V
Table 13. Capacitance (VDD = 3.3V, f = 1MHz, TA = 25°C)
Symbol
Parameter
Min.
Max.
Unit
CI
Input Capacitance
2
4
pF
CI/O
Input/Output Capacitance
4
6
pF
Note: These parameters are periodically sampled and are not 100% tested.
AS4C2M32SA-6TIN
AS4C2M32SA-6TCN
AS4C2M32SA-7TCN
Confidential
-18/54-
Rev.1.0 Sep. 2015



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com