Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS4C2M32SA Datasheet(PDF) 19 Page - Alliance Semiconductor Corporation

Part # AS4C2M32SA
Description  64Mb SDRAM AS4C2M32SA - 86pin TSOP II PACKAGE
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALSC [Alliance Semiconductor Corporation]
Direct Link  https://www.alliancememory.com
Logo ALSC - Alliance Semiconductor Corporation

AS4C2M32SA Datasheet(HTML) 19 Page - Alliance Semiconductor Corporation

Back Button AS4C2M32SA Datasheet HTML 15Page - Alliance Semiconductor Corporation AS4C2M32SA Datasheet HTML 16Page - Alliance Semiconductor Corporation AS4C2M32SA Datasheet HTML 17Page - Alliance Semiconductor Corporation AS4C2M32SA Datasheet HTML 18Page - Alliance Semiconductor Corporation AS4C2M32SA Datasheet HTML 19Page - Alliance Semiconductor Corporation AS4C2M32SA Datasheet HTML 20Page - Alliance Semiconductor Corporation AS4C2M32SA Datasheet HTML 21Page - Alliance Semiconductor Corporation AS4C2M32SA Datasheet HTML 22Page - Alliance Semiconductor Corporation AS4C2M32SA Datasheet HTML 23Page - Alliance Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 54 page
background image
Table 14. D.C. Characteristics (VDD = 3.3V ± 0.3V, TA = -40~85°C)
Description/Test condition
Symbol
-5
-6
-7
Unit Note
Max.
Operating Current (One bank active)
tRC ≥ tRC(min), Outputs Open, Input signal one
transition per one cycle
IDD1
120
95
75
mA
3
Precharge Standby Current in non-power down mode
tCK = 15ns, CS# ≥ VIH(min), CKE ≥ VIH
Input signals are changed every 2clks
IDD2N
25
25
25
Precharge Standby Current in non-power down mode
tCK = ∞, CLK ≤ VIL(max), CKE ≥ VIH
IDD2NS
15
15
15
Precharge Standby Current in power down mode
tCK = 15ns, CKE ≤ VIL(max)
IDD2P
2
2
2
Precharge Standby Current in power down mode
tCK = ∞, CKE ≤ VIL(max)
IDD2PS
2
2
2
Active Standby Current in non-power down mode
tCK = 15ns, CKE ≥ VIH(min), CS# ≥ VIH(min)
Input signals are changed every 2clks
IDD3N
35
35
35
Active Standby Current in non-power down mode
CKE ≥ VIH(min), CLK ≤ VIL(max), tCK = ∞
IDD3NS
30
30
30
Operating Current (Burst mode)
tCK =tCK(min), Outputs Open, Multi-bank interleave
IDD4
120
100
90
3, 4
Refresh Current
tRC ≥ tRC(min)
IDD5
150
130
120
3
Self Refresh Current
CKE ≤ 0.2V ; for other inputs VIH≧VDD - 0.2V, VIL ≤ 0.2V
IDD6
2
2
2
AS4C2M32SA-6TIN
AS4C2M32SA-6TCN
AS4C2M32SA-7TCN
Confidential
-19/54-
Rev.1.0 Sep. 2015



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com