Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS4C2M32SA Datasheet(PDF) 8 Page - Alliance Semiconductor Corporation

Part # AS4C2M32SA
Description  64Mb SDRAM AS4C2M32SA - 86pin TSOP II PACKAGE
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALSC [Alliance Semiconductor Corporation]
Direct Link  https://www.alliancememory.com
Logo ALSC - Alliance Semiconductor Corporation

AS4C2M32SA Datasheet(HTML) 8 Page - Alliance Semiconductor Corporation

Back Button AS4C2M32SA Datasheet HTML 4Page - Alliance Semiconductor Corporation AS4C2M32SA Datasheet HTML 5Page - Alliance Semiconductor Corporation AS4C2M32SA Datasheet HTML 6Page - Alliance Semiconductor Corporation AS4C2M32SA Datasheet HTML 7Page - Alliance Semiconductor Corporation AS4C2M32SA Datasheet HTML 8Page - Alliance Semiconductor Corporation AS4C2M32SA Datasheet HTML 9Page - Alliance Semiconductor Corporation AS4C2M32SA Datasheet HTML 10Page - Alliance Semiconductor Corporation AS4C2M32SA Datasheet HTML 11Page - Alliance Semiconductor Corporation AS4C2M32SA Datasheet HTML 12Page - Alliance Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 54 page
background image
Figure 4. Burst Read Operation (Burst Length = 4, CAS# Latency = 2, 3)
CLK
T0
T1
COMMAND
T2
T3
T4
T5
T6
T7
T8
CAS# latency=2
tCK2, DQ
CAS# latency=3
tCK3, DQ
READ A
NOP
NOP
NOP
NOP
NOP
NOP
NOP
NOP
DOUT A0 DOUT A1 DOUT A2 DOUT A3
DOUT A0 DOUT A1 DOUT A2 DOUT A3
The read data appears on the DQs subject to the values on the DQM inputs two clocks earlier (i.e.
DQM latency is two clocks for output buffers). A read burst without the auto precharge function may be
interrupted by a subsequent Read or Write command to the same bank or the other active bank before
the end of the burst length. It may be interrupted by a BankPrecharge/ PrechargeAll command to the
same bank too. The interrupt coming from the Read command can occur on any clock cycle following a
previous Read command (refer to the following figure).
Figure 5. Read Interrupted by a Read (Burst Length = 4, CAS# Latency = 2, 3)
CLK
T0
T1
COMMAND
T2
T3
T4
T5
T6
T7
T8
CAS# latency=2
tCK2, DQ
CAS# latency=3
tCK3, DQ
READ A READ B
NOP
NOP
NOP
NOP
NOP
NOP
NOP
DOUT A0
DOUT B0
DOUT B1
DOUT B2
DOUT B3
DOUT A0
DOUT B0
DOUT B1
DOUT B2 DOUT B3
The DQM inputs are used to avoid I/O contention on the DQ pins when the interrupt comes from a
Write command. The DQMs must be asserted (HIGH) at least two clocks prior to the Write command to
suppress data-out on the DQ pins. To guarantee the DQ pins against I/O contention, a single cycle with
high-impedance on the DQ pins must occur between the last read data and the Write command (refer
to the following three figures). If the data output of the burst read occurs at the second clock of the burst
write, the DQMs must be asserted (HIGH) at least one clock prior to the Write command to avoid
internal bus contention.
AS4C2M32SA-6TIN
AS4C2M32SA-6TCN
AS4C2M32SA-7TCN
Confidential
-8/54-
Rev.1.0 Sep. 2015



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com